Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3035 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3035
Description  300mA VLDO Linear Regulator with Charge Pump Bias Generator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3035 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3035 Datasheet HTML 4Page - Linear Technology LTC3035 Datasheet HTML 5Page - Linear Technology LTC3035 Datasheet HTML 6Page - Linear Technology LTC3035 Datasheet HTML 7Page - Linear Technology LTC3035 Datasheet HTML 8Page - Linear Technology LTC3035 Datasheet HTML 9Page - Linear Technology LTC3035 Datasheet HTML 10Page - Linear Technology LTC3035 Datasheet HTML 11Page - Linear Technology LTC3035 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LTC3035
10
3035f
Efficiency vs Output Current
Ripple Rejection
SW1
SW2
VIN
VOUT
SHDN/SS
FB
MODE/SYNC
VC
RT
RT
60.4k
4
6
9
10
5
3
7
8
2
*
*1 = Burst Mode OPERATION
0 = FIXED FREQUENCY
C1: TAIYO YUDEN JMK212BJ106MG
C2: TAIYO YUDEN JMK325BJ226MM
CIN, CBIAS, COUT: TDK C1005X5R0J105K
L1: SUMIDA CDRH6D38-100
1
GND
LTC3440
IN
BIAS
CP
CM
SHDN
OUT
GND
ADJ
LTC3035
S
S
S
S
S
S
S
S
S
S
S
S
S
3035 TA02
C1
10
µF
VIN = 2.7V TO 4.2V
C5 1.5nF
R3
15k
L1
10
µH
Li-Ion
OFF ON
C2
22
µF
CIN
1
µF
S
R2
200k
R1
357k
3.4V
600mA
CBIAS
1
µF
COUT
1
µF
0.1
µF
S
294k
VOUT = 3.3V
IOUT ≤ 300mA
40.2k
+
Low Noise Li-Ion to 3.3V Supply
TYPICAL APPLICATIO
OUTPUT CURRENT (mA)
0.1
Burst Mode IS A REGISTERED TRADEMARK OF
LINEAR TECHNOLOGY CORPORATION
0
10
30
40
50
100
70
1
10
3035 TA02b
20
80
90
60
100
1000
Burst Mode®
OPERATION
VIN = 2.7V
VIN = 4.2V
VIN = 3.6V
LTC3440
OUTPUT
AC
20mV/DIV
LTC3035
OUTPUT
AC
20mV/DIV
20
µs/DIV
IOUT = 25mA
3035 TA02c


Similar Part No. - LTC3035

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3035 LINER-LTC3035 Datasheet
218Kb / 12P
   300mA VLDO Linear Regulator with Charge Pump Bias Generator
LTC3035EDDB LINER-LTC3035EDDB Datasheet
218Kb / 12P
   300mA VLDO Linear Regulator with Charge Pump Bias Generator
More results

Similar Description - LTC3035

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3035 LINER-LTC3035 Datasheet
218Kb / 12P
   300mA VLDO Linear Regulator with Charge Pump Bias Generator
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM16528 UNIONSEMI-UM16528_16 Datasheet
236Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM36512S UNIONSEMI-UM36512S_14 Datasheet
288Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
logo
Linear Technology
LTC3025 LINER-LTC3025 Datasheet
166Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM17528 UNIONSEMI-UM17528_16 Datasheet
242Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM37512S UNIONSEMI-UM37512S_15 Datasheet
416Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
UM37550S UNIONSEMI-UM37550S Datasheet
291Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
UM175415 UNIONSEMI-UM175415 Datasheet
271Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com