Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6QD1G960N2DY Datasheet(PDF) 3 Page - Taiyo Yuden (U.S.A.), Inc

Part # G6QD1G960N2DY
Description  SAW Dual Filter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

G6QD1G960N2DY Datasheet(HTML) 3 Page - Taiyo Yuden (U.S.A.), Inc

  G6QD1G960N2DY Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc G6QD1G960N2DY Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc G6QD1G960N2DY Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc G6QD1G960N2DY Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc G6QD1G960N2DY Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc G6QD1G960N2DY Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc G6QD1G960N2DY Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc G6QD1G960N2DY Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc G6QD1G960N2DY Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
*Pb Free part
Customer Name
Standard Specification
System
DCS/PCS Rx (50/150ohms)
DATE
September 03 2012
Part Number
G6QD1G960N2DY
Ver. 1.0aa
Final
RoHS
G
RoHS
RoHS
GMSL1
Table 2. Electrical specifications (Filter2)
Passband: 1930 ~ 1990 MHz
Item
Condition
Specification
Unit
Remarks
Min.
Typ.
Max.
Insertion Loss
1930~1990 MHz
-
1.9
2.7
dB(*1)
Ripple
1930~1990 MHz
-
0.6
1.5
dB
Absolute
DC ~1830 MHz
25
32
-
dB
attenuation
1830~1910 MHz
10
14
-
dB
2010~2070 MHz
6
15
-
dB
-20~+85 oC
5
-
-
dB
2070~2150 MHz
14
19
-
dB
2150~3000 MHz
27
32
-
dB
3000~6000 MHz
25
37
-
dB
VSWR (Input)
1930~1990 MHz
-
1.6
2.0
-
VSWR (Output)
1930~1990 MHz
-
1.6
2.0
-
Amplitude Balance
|S21|/|S31|
1930~1990 MHz
-1.0
-0.2/+0.5
+1.0
dB
Phase Balance
(ΦS21-ΦS31)-180
1930~1990 MHz
-15
-10/+2
+15
deg.
Input Impedance
Unbalanced
50//3.3nH
ohm
Output Impedance
Balance
150//18nH
ohm
Operating Temperature
-30 ~ +85
oC
(*1) Specification of insertion loss includes loss that comes from the test board.(0.15dB)


Similar Part No. - G6QD1G960N2DY

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
G6QD2G017N2DC TAIYO-YUDEN-G6QD2G017N2DC Datasheet
542Kb / 13P
   SAW Dual Filter
G6QD2G017N2DU TAIYO-YUDEN-G6QD2G017N2DU Datasheet
545Kb / 13P
   SAW Dual Filter
More results

Similar Description - G6QD1G960N2DY

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FAR-G6KT-1G9600-Y4RU TAIYO-YUDEN-FAR-G6KT-1G9600-Y4RU Datasheet
325Kb / 12P
   SAW Dual Filter
FAR-G6QC-1G9600-N2CB TAIYO-YUDEN-FAR-G6QC-1G9600-N2CB Datasheet
493Kb / 12P
   SAW Dual Filter
G5QT942M5N2VA TAIYO-YUDEN-G5QT942M5N2VA Datasheet
503Kb / 13P
   SAW Dual Filter
G6QD2G017N2DC TAIYO-YUDEN-G6QD2G017N2DC Datasheet
542Kb / 13P
   SAW Dual Filter
G6QE2G595N2EJ TAIYO-YUDEN-G6QE2G595N2EJ Datasheet
494Kb / 13P
   SAW Dual Filter
G6QN2G017M2RD TAIYO-YUDEN-G6QN2G017M2RD Datasheet
294Kb / 11P
   SAW Dual Filter
FAR-G6QC-1G9600-N2FA TAIYO-YUDEN-FAR-G6QC-1G9600-N2FA Datasheet
481Kb / 12P
   SAW Dual Filter
FAR-G5QC-942M50-N2CD TAIYO-YUDEN-FAR-G5QC-942M50-N2CD Datasheet
535Kb / 12P
   SAW Dual Filter
FAR-G6KG-2G1400-Y4SH TAIYO-YUDEN-FAR-G6KG-2G1400-Y4SH Datasheet
543Kb / 15P
   SAW Dual Filter
FAR-G6KT-1G9600-Y4RY TAIYO-YUDEN-FAR-G6KT-1G9600-Y4RY Datasheet
1Mb / 12P
   SAW Dual Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com