Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIM800FSS12-A000 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # DIM800FSS12-A000
Description  Single Switch IGBT Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DIM800FSS12-A000 Datasheet(HTML) 1 Page - Dynex Semiconductor

  DIM800FSS12-A000_15 Datasheet HTML 1Page - Dynex Semiconductor DIM800FSS12-A000_15 Datasheet HTML 2Page - Dynex Semiconductor DIM800FSS12-A000_15 Datasheet HTML 3Page - Dynex Semiconductor DIM800FSS12-A000_15 Datasheet HTML 4Page - Dynex Semiconductor DIM800FSS12-A000_15 Datasheet HTML 5Page - Dynex Semiconductor DIM800FSS12-A000_15 Datasheet HTML 6Page - Dynex Semiconductor DIM800FSS12-A000_15 Datasheet HTML 7Page - Dynex Semiconductor DIM800FSS12-A000_15 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DIM800FSS12-A000
Single Switch IGBT Module
Replaces DS5867-2
DS5867-3 July 2014 (LN31763)
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures
1/8
www.dynexsemi.com
FEATURES
10µs Short Circuit Withstand
Non Punch Through Silicon
Isolated Cu Base with Al2O3 Substrates
Lead Free construction
APPLICATIONS
High Reliability Inverters
Motor Controllers
Traction Drives
The Powerline range of high power modules includes
half bridge, chopper, dual, single and bi-directional
switch configurations covering voltages from 1200V to
6500V and currents up to 2400A.
The DIM800FSS12-A000 is a single switch 1200V,
n-channel enhancement mode, insulated gate bipolar
transistor (IGBT) module. The IGBT has a wide
reverse bias safe operating area (RBSOA) plus 10μs
short circuit withstand.
The module incorporates an electrically isolated base
plate and low inductance construction enabling circuit
designers to optimise circuit layouts and utilise
grounded heat sinks for safety.
ORDERING INFORMATION
Order As:
DIM800FSS12-A000
Note: When ordering, please use the complete part
number
KEY PARAMETERS
VCES
1200V
VCE(sat) * (typ)
2.2V
IC
(max)
800A
IC(PK)
(max)
1600A
* Measured at the power busbars, not the auxiliary terminals
Fig. 1 Circuit configuration
Outline type code: F
(See Fig. 11 for further information)
Fig. 2 Package
9(G)
8(E)
3(E)
7(C)
4(E)
2(C)
1(C)


Similar Part No. - DIM800FSS12-A000_15

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM800FSS12-A000 DYNEX-DIM800FSS12-A000 Datasheet
351Kb / 8P
   Single Switch IGBT Module
More results

Similar Description - DIM800FSS12-A000_15

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM1800ESM12-A000 DYNEX-DIM1800ESM12-A000 Datasheet
331Kb / 8P
   Single Switch IGBT Module
DIM800XSM45-TS000 DYNEX-DIM800XSM45-TS000 Datasheet
403Kb / 8P
   Single Switch IGBT Module
DIM800XSM45-TS001 DYNEX-DIM800XSM45-TS001 Datasheet
403Kb / 8P
   Single Switch IGBT Module
DIM2400ESM17-A000 DYNEX-DIM2400ESM17-A000_15 Datasheet
373Kb / 8P
   Single Switch IGBT Module
DIM800NSM33-F000 DYNEX-DIM800NSM33-F000_12 Datasheet
365Kb / 8P
   Single Switch IGBT Module
DIM1200FSS12-A000 DYNEX-DIM1200FSS12-A000 Datasheet
350Kb / 8P
   Single Switch IGBT Module
DIM1800ESS12-A000 DYNEX-DIM1800ESS12-A000 Datasheet
368Kb / 8P
   Single Switch IGBT Module
GP1200FSS18 DYNEX-GP1200FSS18 Datasheet
132Kb / 10P
   Single Switch IGBT Module
DIM800XSM33-F000 DYNEX-DIM800XSM33-F000 Datasheet
288Kb / 8P
   Single Switch IGBT Module
DIM2400ESM17-A000 DYNEX-DIM2400ESM17-A000 Datasheet
180Kb / 10P
   Single Switch IGBT Module
DIM800XSM45-TS001 DYNEX-DIM800XSM45-TS001_15 Datasheet
403Kb / 8P
   Single Switch IGBT Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com