Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMBT2907ADW1T1G Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LMBT2907ADW1T1G
Description  Dual General Purpose
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT2907ADW1T1G Datasheet(HTML) 4 Page - Leshan Radio Company

  LMBT2907ADW1T1G_15 Datasheet HTML 1Page - Leshan Radio Company LMBT2907ADW1T1G_15 Datasheet HTML 2Page - Leshan Radio Company LMBT2907ADW1T1G_15 Datasheet HTML 3Page - Leshan Radio Company LMBT2907ADW1T1G_15 Datasheet HTML 4Page - Leshan Radio Company LMBT2907ADW1T1G_15 Datasheet HTML 5Page - Leshan Radio Company LMBT2907ADW1T1G_15 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
TYPICAL SMALL–SIGNAL CHARACTERISTICS
NOISE FIGURE
V CE = 10 Vdc, T A = 25°C
Figure 7. Frequency Effects
f, FREQUENCY (kHz)
10
0.01
Figure 8. Source Resistance Effects
Rs, SOURCE RESISTANCE (OHMS)
f = 1.0 kHz
IC = -50 mA
-100
mA
-500
mA
-1.0 mA
Rs = OPTIMUM SOURCE RESISTANCE
8.0
6.0
4.0
2.0
0
0.02 0.05 0.1 0.2
0.5 1.0 2.0
5.0 10
20
50
100
10
8.0
6.0
4.0
2.0
0
50
100
200
500 1.0 k
2.0 k
5.0 k 10 k
20 k
50 k
IC = -1.0 mA, Rs = 430 W
-500
mA, Rs = 560 W
-50
mA, Rs = 2.7 kW
-100
mA, Rs = 1.6 kW
Figure 9. Capacitances
REVERSE VOLTAGE (VOLTS)
30
Figure 10. Current−Gain − Bandwidth Product
IC, COLLECTOR CURRENT (mA)
-0.1
2.0
20
10
7.0
5.0
3.0
-0.2 -0.3 -0.5
-1.0
-2.0 -3.0 -5.0
-10
-20 -30
400
300
200
100
80
60
40
30
20
-1.0 -2.0
-5.0
-10
-20
-50
-100 -200
-500 -1000
Ceb
Ccb
VCE = -20 V
TJ = 25°C
Figure 11. Collector Emitter Saturation Voltage
vs. Collector Current
Figure 12. Base Emitter Saturation Voltage vs.
Collector Current
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
1
0.1
0.01
0.001
0.01
0.1
1
1
0.1
0.01
0.001
0.2
0.3
0.5
0.7
0.8
1.0
1.1
IC/IB = 10
150°C
−55°C
25°C
0.4
0.6
0.9
IC/IB = 10
150°C
−55°C
25°C
Rev.A 4/6
LMBT2907ADW1T1G
LMBT2907DW1T1G,
S-LMBT2907ADW1T1G
S-LMBT2907DW1T1G,


Similar Part No. - LMBT2907ADW1T1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT2907ADW1T1G LRC-LMBT2907ADW1T1G Datasheet
267Kb / 5P
   Dual General Purpose Transistor
More results

Similar Description - LMBT2907ADW1T1G_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NST3906DP6T5G ONSEMI-NST3906DP6T5G Datasheet
101Kb / 4P
   Dual General Purpose Dual General Purpose
April, 2008 ??Rev. 0
EMZ1DXV6T1 ONSEMI-EMZ1DXV6T1 Datasheet
63Kb / 6P
   Dual General Purpose Transistors
October, 2003 ??Rev. P0
logo
Rohm
EMX3 ROHM-EMX3 Datasheet
81Kb / 4P
   General purpose (dual transistors)
logo
E-Tech Electronics LTD
BC846BDW1T1 ETL-BC846BDW1T1 Datasheet
459Kb / 5P
   Dual General Purpose Transistors
logo
ON Semiconductor
BC856BDW1T1 ONSEMI-BC856BDW1T1 Datasheet
106Kb / 6P
   Dual General Purpose Transistors
January, 2004 ??Rev. 3
BC858CDXV6 ONSEMI-BC858CDXV6 Datasheet
65Kb / 6P
   Dual General Purpose Transistor
March, 2003 - Rev. 2
MBT3946DW1T1G ONSEMI-MBT3946DW1T1G Datasheet
246Kb / 10P
   Dual General Purpose Transistor
October, 2009 ??Rev. 5
logo
Unisonic Technologies
IMX2 UTC-IMX2_11 Datasheet
100Kb / 2P
   GENERAL PURPOSE DUAL TRANSISTOR
logo
Rohm
UMX3NTR ROHM-UMX3NTR Datasheet
110Kb / 4P
   General purpose (dual transistors)
logo
IK Semicon Co., Ltd
ILC556N IKSEMICON-ILC556N_12 Datasheet
276Kb / 5P
   General Purpose Dual Timer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com