Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMBTA13LT1G Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LMBTA13LT1G
Description  Darlington Amplifier Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBTA13LT1G Datasheet(HTML) 3 Page - Leshan Radio Company

  LMBTA13LT1G_15 Datasheet HTML 1Page - Leshan Radio Company LMBTA13LT1G_15 Datasheet HTML 2Page - Leshan Radio Company LMBTA13LT1G_15 Datasheet HTML 3Page - Leshan Radio Company LMBTA13LT1G_15 Datasheet HTML 4Page - Leshan Radio Company LMBTA13LT1G_15 Datasheet HTML 5Page - Leshan Radio Company LMBTA13LT1G_15 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
NOISE CHARACTERISTICS
(V
CE = 5.0 Vdc, T A = 25°C)
f, FREQUENCY (Hz)
Figure 2. Noise Voltage
f, FREQUENCY (Hz)
Figure 3. Noise Current
BANDWIDTH = 1.0 Hz
R
S
0
10
µA
100
µA
I
C=1.0mA
BANDWIDTH = 1.0 Hz
I
C=1.0mA
100
µA
500
200
100
50
20
10
5.0
10
20
50 100
200
500 1.0k 2.0k
5.0k 10k 20k
50k 100k
2.0
1.0
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
10
µA
~
~
10
20
50 100
200
500 1.0k 2.0k
5.0k 10k 20k
50k 100k
1.0
2.0
5.0
10
20
50
100
200
500
1.0k
500
200
100
50
20
10
5.0
R S , SOURCE RESISTANCE (k
Ω)
Figure 4. Total Wideband Noise Voltage
R S , SOURCE RESISTANCE (k
Ω)
Figure 5. Wideband Noise Figure
BANDWIDTH = 10 Hz TO 15.7 kHz
I C = 10
µA
100
µA
1.0 mA
200
100
70
50
30
20
10
BANDWIDTH = 10 Hz TO 15.7 kHz
10
µA
100
µA
I C = 1.0 mA
1.0
2.0
5.0
10
20
50
100
200
500
1.0k
Rev.O 3/6
LMBTA13LT1G
LMBTA14LT1G
S-LMBTA13LT1G
S-LMBTA14LT1G


Similar Part No. - LMBTA13LT1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBTA13LT1G LRC-LMBTA13LT1G Datasheet
301Kb / 6P
   Darlington Amplifier Transistors RoHS requirements.
More results

Similar Description - LMBTA13LT1G_15

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBTA13LT1 MOTOROLA-MMBTA13LT1 Datasheet
235Kb / 8P
   Darlington Amplifier Transistors
logo
Leshan Radio Company
LMBTA13LT1 LRC-LMBTA13LT1 Datasheet
220Kb / 6P
   Darlington Amplifier Transistors
logo
WILLAS ELECTRONIC CORP
MMBTA1XLT1 WILLAS-MMBTA1XLT1 Datasheet
446Kb / 6P
   Darlington Amplifier Transistors
logo
ON Semiconductor
MMBTA13LT1 ONSEMI-MMBTA13LT1_16 Datasheet
194Kb / 6P
   Darlington Amplifier Transistors
October, 2016 ??Rev. 6
MMBTA13LT1 ONSEMI-MMBTA13LT1_06 Datasheet
74Kb / 6P
   Darlington Amplifier Transistors
January, 2006 ??Rev. 2
MMBTA13LT1G ONSEMI-MMBTA13LT1G_09 Datasheet
189Kb / 6P
   Darlington Amplifier Transistors
August, 2009 ??Rev. 3
logo
Leshan Radio Company
LMBTA14LT1G LRC-LMBTA14LT1G_15 Datasheet
338Kb / 6P
   Darlington Amplifier Transistors
logo
Weitron Technology
MMBT6427 WEITRON-MMBT6427 Datasheet
271Kb / 5P
   NPN Transistors Darlington Amplifier
MMBTA13 WEITRON-MMBTA13 Datasheet
208Kb / 5P
   NPN Transistors Darlington Amplifier
logo
AiT Semiconductor Inc.
MMBTA13L AITSEMI-MMBTA13L Datasheet
771Kb / 8P
   GENERAL PURPOSE TRANSISTORS DARLINGTON AMPLIFIER TRANSISTORS
REV1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com