Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTA712E Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTA712E
Description  EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA712E Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTA712E Datasheet HTML 1Page - KEC(Korea Electronics) KTA712E Datasheet HTML 2Page - KEC(Korea Electronics) KTA712E Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2001. 8. 3
1/3
SEMICONDUCTOR
TECHNICAL DATA
KTA712E
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 0
GENERAL PURPOSE APPLICATION.
SWITCHING APPLICATION.
FEATURES
A super-minimold package houses 2 transistor.
Excellent temperature response between these 2 transistor.
High pairing property in hFE.
The follwing characteristics are common for Q1, Q2.
MAXIMUM RATING (Ta=25 )
DIM
MILLIMETERS
A
A1
B1
C
TES6
1.6 0.05
1.0 0.05
1.6 0.05
1.2 0.05
0.50
0.2 0.05
0.5 0.05
0.12 0.05
B
D
H
J
B1
B
1
2
3
6
4
P
P
P5
5
+_
+_
+_
+_
+_
+_
+_
1. Q EMITTER
2. Q BASE
3. Q BASE
4. Q COLLECTOR
5. Q EMITTER
6. Q COLLECTOR
1
1
1
2
2
2
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-150
mA
Base Current
IB
-30
mA
Collector Power Dissipation
PC *
200
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT.
Collector Cut-off Current
ICBO
VCB=-50V, IE=0
-
-
-0.1
Emitter Cut-off Current
IEBO
VEB=-5V, IC=0
-
-
-0.1
DC Current Gain
hFE (Note)
VCE=-6V, IC=-2
120
-
400
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-100 , IB=-10
-
-0.1
-0.30
V
Transition Frequency
fT
VCE=-10V, IC=-1
80
-
-
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1
-
4
7
Noise Figure
NF
VCE=-6V, IC=-0.1 , f=1 , Rg=10
-
1.0
10
1
Q1
23
65
4
Q2
* Total Rating
Note : hFE Classification Y(4):120 240, GR(6):200 400
F
Type Name
h
Rank
FE
12
3
4
6
5
EQUIVALENT CIRCUIT (TOP VIEW)
Marking


Similar Part No. - KTA712E

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA712U KEC-KTA712U Datasheet
79Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA712U KEC-KTA712U_15 Datasheet
48Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR
More results

Similar Description - KTA712E

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KN2907S KEC-KN2907S Datasheet
261Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KN3905S KEC-KN3905S Datasheet
199Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
2N3906U KEC-2N3906U Datasheet
186Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
BC856W KEC-BC856W Datasheet
248Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
BSS63 KEC-BSS63 Datasheet
59Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA1504 KEC-KTA1504 Datasheet
260Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA501E KEC-KTA501E Datasheet
398Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA701U KEC-KTA701U Datasheet
398Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA712U KEC-KTA712U Datasheet
79Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTN2907 KEC-KTN2907 Datasheet
369Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
2N2906E KEC-2N2906E Datasheet
51Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com