Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1753 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN1753
Description  Software UART using ST7LITE0 12-bit autoreload timer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1753 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN1753 Datasheet HTML 4Page - STMicroelectronics AN1753 Datasheet HTML 5Page - STMicroelectronics AN1753 Datasheet HTML 6Page - STMicroelectronics AN1753 Datasheet HTML 7Page - STMicroelectronics AN1753 Datasheet HTML 8Page - STMicroelectronics AN1753 Datasheet HTML 9Page - STMicroelectronics AN1753 Datasheet HTML 10Page - STMicroelectronics AN1753 Datasheet HTML 11Page - STMicroelectronics AN1753 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
ST7FLITE0 configuration
AN1753
8/22
DocID9986 Rev 2
PWM0 CONTROL/STATUS REGISTER (PWM0CSR):
CMPF0: indicates that the upcounter value matches the DCR register value:
0: the upcounter value does not match the DCR value.
1: the upcounter value matches the DCR value.
PWM OUTPUT CONTROL REGISTER (PWMCR):
OE0: When set to 1, the PWM0 output is enabled
Timer initialization
Write to DCRx registers with the required value. The Output Compare function must be
enabled. To do this, reset the OE bit in the PWMCR register: this will disable the PWM
output.
To configure fcounter = fcpu, set CK1=1 and CK0=0 an
To enable the CMPF interrupt, set CMPIE=1 in the ATCSR register.
CMPF0
0
0
0
0
0
0
OP0
0
0
0
OE0
0
0
0
0


Similar Part No. - AN1753

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN1750-521P ETC1-AN1750-521P Datasheet
39Kb / 1P
   AN0625-521P
logo
STMicroelectronics
AN1751 STMICROELECTRONICS-AN1751 Datasheet
579Kb / 7P
   EMI Filters: Recommendations and measurements
AN1752 STMICROELECTRONICS-AN1752 Datasheet
118Kb / 14P
   ST72324 QUICK REFERENCE NOTE
AN1754 STMICROELECTRONICS-AN1754 Datasheet
135Kb / 19P
   DATA LOGGING PROGRAM FOR TESTING ST7 APPLICATIONS VIA ICC
AN1755 STMICROELECTRONICS-AN1755 Datasheet
84Kb / 7P
   The goal of this application note is to present
More results

Similar Description - AN1753

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN110 SILABS-AN110 Datasheet
238Kb / 12P
   16-BIT PWM USING AN ON-CHIP TIMER
logo
Maxim Integrated Produc...
MAX5134 MAXIM-MAX5134_10 Datasheet
453Kb / 19P
   Pin-/Software-Compatible, 16-/12-Bit, Voltage-Output DACs
Rev 2; 1/10
MAX5134 MAXIM-MAX5134 Datasheet
372Kb / 19P
   Pin-/Software-Compatible, 16-/12-Bit, Voltage-Output DACs
Rev 1; 10/08
MAX1272 MAXIM-MAX1272 Datasheet
850Kb / 20P
   Fault-Protected, 12-Bit ADCs with Software-Selectable Input Range
19-2921; Rev 1; 12/03
logo
STMicroelectronics
ST52T301 STMICROELECTRONICS-ST52T301 Datasheet
497Kb / 100P
   8-Bit OTP/EPROM DuaLogic] MCUs WITH ADC, UART, TIMER, TRIAC & PWM DRIVER
logo
Maxim Integrated Produc...
MAX1272 MAXIM-MAX1272_V01 Datasheet
1Mb / 19P
   Fault-Protected, 12-Bit ADCs with Software-Selectable Input Range
2011
logo
STMicroelectronics
AN2475 STMICROELECTRONICS-AN2475 Datasheet
1Mb / 37P
   STR91xFAxxx in-application programming using UART
AN2078 STMICROELECTRONICS-AN2078 Datasheet
155Kb / 13P
   STR7 In-Application Programming using UART
AN1605 STMICROELECTRONICS-AN1605 Datasheet
93Kb / 7P
   USING AN ACTIVE RC TO WAKEUP THE ST7LITE0 FROM POWER SAVING MODE
ST62T35B STMICROELECTRONICS-ST62T35B Datasheet
617Kb / 82P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI AND UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com