Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1953 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1953
Description  PFC for ST7MC starter kit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1953 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN1953 Datasheet HTML 2Page - STMicroelectronics AN1953 Datasheet HTML 3Page - STMicroelectronics AN1953 Datasheet HTML 4Page - STMicroelectronics AN1953 Datasheet HTML 5Page - STMicroelectronics AN1953 Datasheet HTML 6Page - STMicroelectronics AN1953 Datasheet HTML 7Page - STMicroelectronics AN1953 Datasheet HTML 8Page - STMicroelectronics AN1953 Datasheet HTML 9Page - STMicroelectronics AN1953 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
2 Starter kit approach
PFC for ST7MC Starter Kit
6/20
Figure 3.
Modifications to be performed in the Starter Kit
To get the Bus voltage value a voltage divider with R16-R17 and R20 is used. To get 5 Volts as
a maximum voltage for the AD converter with the new Bus voltage max value, R20 must be
replaced with a 6.2K resistance.
To connect the Power Add On board with the starter kit, use two control cables, one to
communicate the PWM for the Add on coming from starter kit and one to get the zero crossing
from the Add on to the starter kit. The connection of the zero crossing cable is critical. The
shunt resistor has been connected near the pin of the starter kit to avoid a capacitive parasite
effect of the cable acting as a filter for the zero crossing signal and a capacitor of 12pF has
been added to filter the noise.
To generate the PWM for the PFC, the Timer B of the micro is used. The PWM signal of the
PFC Power Add On is connected to the OCMP1_B pin of the micro (J10 Pin 3) and the Zero
Crossing signal of the Add On reaches the ICAP1_B pin of the micro (J10 Pin 7).
The PE2 pin it is connected with ICAP1_B, because it is used to force the reset of PWM when
the ZCD signal is missed.
This could happen for example when the instantaneous input voltage is too low to energize the
inductor.
The Vout of the Add On is the Mains for the Starter Kit board so must be connected to the Pin 2
and Pin 3 of J3.
The ground signal is connected directly from the ground of the micro to the ground of the driver
in the Add On.
The connections are depicted in Figure 4.
C11
100nF
400V
Z4
BZW50-100
C13
1000uF
200V
R2
47K
1W
R16
470K
HV Bus
R17
470K
R20
12K
TP11
R1
47K
1W
C12
1000uF
200V
W2
12
TO SOLDER
Z2
BZW50-120
Z3
BZW50-120
Phase B
TP17
C20
33nF
400V
R21
0.047R
4W
TP14
7NB60HDFP
T5
B60HDFP
T4
FOR 110VAC
R20 6.2K
C20:33nF 600V
R1, R2: 68K - 1Watt
C13, C12:
470uF 450V
Z2, Z3: BZW50-
180 transil


Similar Part No. - AN1953

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
AN1950 FREESCALE-AN1950 Datasheet
307Kb / 24P
   Water Level Monitoring
AN1955 FREESCALE-AN1955 Datasheet
72Kb / 5P
   Thermal Measurement Methodology of RF Power Amplifiers
logo
STMicroelectronics
AN1957 STMICROELECTRONICS-AN1957 Datasheet
252Kb / 22P
   Microprocessor Supervisor Functions
More results

Similar Description - AN1953

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7MC-KIT STMICROELECTRONICS-ST7MC-KIT Datasheet
161Kb / 5P
   Softec?셲 complete motor control starter kit for ST7MC
November 2011 Rev 2
logo
ATMEL Corporation
ATSTK94 ATMEL-ATSTK94 Datasheet
633Kb / 24P
   Starter Kit
logo
EnOcean GmbH.
EISKA ENOCEAN-EISKA Datasheet
129Kb / 1P
   Starter Kit
February 2022
logo
Pepperl+Fuchs Inc.
KT-SRT-PA PF-KT-SRT-PA Datasheet
1,003Kb / 3P
   Starter Kit for PROFIBUS PA Infrastructure
2021-01-12
logo
Advantech Co., Ltd.
SOM-DK2569 ADVANTECH-SOM-DK2569 Datasheet
414Kb / 2P
   Starter kit for SMARC SOM-2569
13-May-2020
logo
Texas Instruments
SLAS191A TI1-SLAS191A Datasheet
493Kb / 86P
[Old version datasheet]   Starter Kit Evaluation Kit Manual
MSP-EXP430G2 TI-MSP-EXP430G2 Datasheet
493Kb / 86P
[Old version datasheet]   Starter Kit Evaluation Kit Manual
logo
List of Unclassifed Man...
32520 ETC2-32520 Datasheet
150Kb / 2P
   BlocklyProp Starter Kit
logo
Zentrum Mikroelektronik...
ZMD44102SKB ZMD-ZMD44102SKB Datasheet
147Kb / 1P
   Starter Kit Bundle
logo
Pepperl+Fuchs Inc.
KT-SRT-FF PF-KT-SRT-FF Datasheet
1Mb / 3P
   Starter Kit for FOUNDATION Fieldbus H1 Infrastructure
2021-01-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com