Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2077 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2077
Description  EEPROM Emulation with STR71x
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2077 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2077 Datasheet HTML 2Page - STMicroelectronics AN2077 Datasheet HTML 3Page - STMicroelectronics AN2077 Datasheet HTML 4Page - STMicroelectronics AN2077 Datasheet HTML 5Page - STMicroelectronics AN2077 Datasheet HTML 6Page - STMicroelectronics AN2077 Datasheet HTML 7Page - STMicroelectronics AN2077 Datasheet HTML 8Page - STMicroelectronics AN2077 Datasheet HTML 9Page - STMicroelectronics AN2077 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6/19
EEPROM Emulation with STR71x
2.2 PROGRAM/ERASE CYCLE
The requirement number of program/erase cycles is computed by dividing the needed number
of erase cycles by the total number of Data-sets in the Flash banks (for example in Figure 1:
n+m). When this number is still higher than the Flash write/erase endurance characteristics, a
closer analysis is needed to understand when the Data-sets are updated:
– When Data-sets need to be updated during operation, it is proposed to use a buffer in RAM
and to save the data before shutting-down the microcontroller.
– When Data-sets are updated only before a power-down sequence, it is proposed to increase
the size of the Flash bank or to use a 3rd bank (see additional information in Section 3).
2.3 READ-WHILE-WRITE
Most currently available Flash technologies must complete a program or erase operation be-
fore code or data can be read from another memory block. There is a common misconception
that EEPROM emulation can only be done when Read-While-Write functionality is imple-
mented. Read-While-Write, when present, allows other memory blocks to be accessed during
erasing and programming; this means that the CPU program does not need to be copied into
RAM during programming/erasing. Read-While-Write does not prevent having a RAM buffer if
access into the emulated-EEPROM is needed during programming.
When Read-While-Write is not supported, program or erase suspend command can be used
to temporarily read code. All STR71xF variants support program and erase suspend com-
mands.
2.4 FLASH ORGANIZATION
The concept described above shows the Flash bank split into 2 parts:
– Data-set storage: which keeps all variable information,
– Status bit storage: which keeps status of the Flash bank and of the Data-sets.
Other organizations are possible (ex: to include the Data-set status bits inside each Data-set)
for which users may see advantages for their application.
2.5 DATA-SET STATUS BITS
Two status bits are proposed for each Data-set with the combinations shown in the following
table.


Similar Part No. - AN2077

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AN207 VISHAY-AN207 Datasheet
152Kb / 12P
   12-ns DG611 Switch Family Combines Benefits of CMOS and DMOS Technologies
03-Aug-99
logo
STMicroelectronics
AN2078 STMICROELECTRONICS-AN2078 Datasheet
155Kb / 13P
   STR7 In-Application Programming using UART
More results

Similar Description - AN2077

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1782 STMICROELECTRONICS-AN1782 Datasheet
60Kb / 7P
   STR71X I2C COMMUNICATION WITH M24CXX EEPROM
logo
Renesas Technology Corp
R01US0068EJ0100 RENESAS-R01US0068EJ0100 Datasheet
919Kb / 56P
   EEPROM Emulation Library
R20UT2645EJ0100 RENESAS-R20UT2645EJ0100 Datasheet
382Kb / 18P
   EEPROM Emulation Library Pack
logo
STMicroelectronics
AN2540 STMICROELECTRONICS-AN2540 Datasheet
238Kb / 25P
   EEPROM emulation in STR91xFxx devices
X-CUBE-EEPROM STMICROELECTRONICS-X-CUBE-EEPROM Datasheet
132Kb / 5P
   EEPROM emulation software expansion for STM32Cube
December 2021
AN2119 STMICROELECTRONICS-AN2119 Datasheet
934Kb / 19P
   Getting Started with uClinux for STR71x
AN2100 STMICROELECTRONICS-AN2100 Datasheet
254Kb / 23P
   STR71x microcontroller power management
UM0097 STMICROELECTRONICS-UM0097 Datasheet
2Mb / 229P
   STR71x firmware library
AN2399 STMICROELECTRONICS-AN2399 Datasheet
429Kb / 22P
   RFID library for SR176 tag management with STR71x
logo
Mosel Vitelic, Corp
MSM9009 MOSEL-MSM9009 Datasheet
6Kb / 1P
   80" Emulation board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com