Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74ALVC2G32 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74ALVC2G32
Description  Dual 2-input OR Gates
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ALVC2G32 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74ALVC2G32_15 Datasheet HTML 1Page - Renesas Technology Corp HD74ALVC2G32_15 Datasheet HTML 2Page - Renesas Technology Corp HD74ALVC2G32_15 Datasheet HTML 3Page - Renesas Technology Corp HD74ALVC2G32_15 Datasheet HTML 4Page - Renesas Technology Corp HD74ALVC2G32_15 Datasheet HTML 5Page - Renesas Technology Corp HD74ALVC2G32_15 Datasheet HTML 6Page - Renesas Technology Corp HD74ALVC2G32_15 Datasheet HTML 7Page - Renesas Technology Corp HD74ALVC2G32_15 Datasheet HTML 8Page - Renesas Technology Corp HD74ALVC2G32_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
HD74ALVC2G32
Rev.4.00, Dec.18.2003, page 3 of 9
Pin Arrangement
(Top view)
8VCC
1
71Y
62B
52A
1A
2
1B
3
2Y
4
GND
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Conditions
Supply voltage range
VCC
−0.5 to 4.6
V
Input voltage range
*1
VI
−0.5 to 4.6
V
−0.5 to VCC+0.5
Output : H or L
Output voltage range
*1, 2
VO
−0.5 to 4.6
V
VCC : OFF
Input clamp current
IIK
−50
mA
VI < 0
Output clamp current
IOK
±50
mA
VO < 0 or VO > VCC
Continuous output current
IO
±50
mA
VO = 0 to VCC
Continuous current through
VCC or GND
ICC or IGND
±100
mA
Maximum power dissipation
at Ta = 25°C (in still air)
*3
PT
200
mW
Storage temperature
Tstg
−65 to 150
°C
Notes:
The absolute maximum ratings are values, which must not individually be exceeded, and
furthermore, no two of which may be realized at the same time.
1. The input and output voltage ratings may be exceeded if the input and output clamp-current
ratings are observed.
2. This value is limited to 4.6 V maximum.
3. The maximum package power dissipation was calculated using a junction temperature of 150°C.


Similar Part No. - HD74ALVC2G32_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVC2G32USE RENESAS-HD74ALVC2G32USE Datasheet
86Kb / 10P
   Dual 2-input OR Gates
More results

Similar Description - HD74ALVC2G32_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVC2G32 RENESAS-HD74ALVC2G32 Datasheet
86Kb / 10P
   Dual 2-input OR Gates
HD74LV2G32A RENESAS-HD74LV2G32A Datasheet
83Kb / 9P
   Dual 2-input OR Gates
HD74ALVC2G86 RENESAS-HD74ALVC2G86 Datasheet
90Kb / 10P
   Dual 2-input Exclusive-OR Gates
HD74ALVC2G86 RENESAS-HD74ALVC2G86_15 Datasheet
114Kb / 12P
   Dual 2-input Exclusive-OR Gates
HD74LV32A RENESAS-HD74LV32A Datasheet
67Kb / 9P
   Quad. 2-input OR Gates
logo
Hitachi Semiconductor
HD74HC32 HITACHI-HD74HC32 Datasheet
45Kb / 8P
   Quad. 2-input OR Gates
logo
Renesas Technology Corp
HD74LV32A RENESAS-HD74LV32A_15 Datasheet
91Kb / 11P
   Quad. 2-input OR Gates
RD74LVC32B RENESAS-RD74LVC32B_15 Datasheet
98Kb / 10P
   Quad. 2-input OR Gates
HD74HC32 RENESAS-HD74HC32 Datasheet
91Kb / 7P
   Quad. 2-input OR Gates
logo
Micro Electronics
MMC4071 MICRO-ELECTRONICS-MMC4071 Datasheet
112Kb / 4P
   OR GATES : QUAD 2 INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com