Part Name
         Description
KTB598

 EPITAXIAL PLANAR PNP TRANSISTOR (LOW FREQUENCY POWER AMP, CONVERTER ELECTRONIC GOVERNOR) ( 2 Page)


KEC
100% 
Zoom Out Zoom In
   
 2 page
background image
1999. 8. 7
2/2
KTB598
Revision No : 1
-0.01
-300
-100
-30
-10
COLLECTOR CURRENT I
(mA)
C
V
- I
h
- I
C
COLLECTOR CURRENT I
(mA)
COLLECTOR-EMITTER VOLTAGE V
(V)
0
CE
0
I
- V
CCE
-1
-2
-3
-4
-5
-6
-7
-200
-400
-600
-800
CE(sat)
C
-1K
-3K
-10K
-0.03
0.05
-0.1
-0.3
-0.5
-1.0
I /I =10
C
FE
C
-8
I =0mA
B
B
I =-1mA
B
I =-2mA
B
I =-4mA
B
I =-6mA
B
I =-10mA
I =-8mA
B
COLLECTOR-EMITTER VOLTAGE V
(V)
0
0
-200
-400
-0.2
-600
-800
-0.8
-0.4
-0.6
-1.0
CE
I
- V
CCE
-1000
B
I =-1mA
I =-3mA
B
I =-5mA
B
I =-10mA
B
I
=-
20mA
B
I =-30mA
B
BASE-EMITTER VOLTAGE V
(V)
0
0
-0.2
-0.4
-0.2
-0.4
-0.6
-0.8
-1.4
-0.6
-0.8
-1.0 -1.2
-1.6
BE
I - V
C
BE
-1.0
-1.2
-1.4
V
=-2V
CE
-2.0
B
COLLECTOR CURRENT I
(mA)
-300
-10
30
10
-1
-3
-30
C
-100
-1K
V
=-10V
CE
500
50
100
300
1K
2K
f - I
T
C
-1
-3
-10
-30
-1
-100 -300 -1K
-3K -10K
-3
-5
-10
-30
-50
-100
-300
-500
V
=-2V
CE
1  2 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KTD545EPITAXIAL PLANAR NPN TRANSISTOR LOW FREQUENCY POWER AMP ELECTRONIC GOVERNOR 1 2 KEC(Korea Electronics)
KTA1045DEPITAXIAL PLANAR PNP TRANSISTOR LOW FREQUENCY POWER AMP MEDIUM SPEED SWITCHING 1 2 KEC(Korea Electronics)
KTB631KEPITAXIAL PLANAR PNP TRANSISTOR LOW FREQUENCY POWER AMP MEDIUM SPEED SWITCHING 1 2 KEC(Korea Electronics)
KTB1772EPITAXIAL PLANAR PNP TRANSISTOR AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING 1 2 KEC(Korea Electronics)
KTC3531TLOW FREQUENCY POWER AMP CONVERTER ELECTRONIC GOVERNOR APPLICATIONS 1 2 KEC(Korea Electronics)
KTC2025DEPITAXIAL PLANAR NPN TRANSISTOR LOW FREQUENCY POWER AMP MEDIUM SPEED SWITCHING 1 2 KEC(Korea Electronics)
KTD600KEPITAXIAL PLANAR NPN TRANSISTOR LOW FREQUENCY POWER AMP MEDIUM SPEED SWITCHING 1 2 KEC(Korea Electronics)
KTA1277EPITAXIAL PLANAR PNP TRANSISTOR HIGH VOLTAGE DC-DC CONVERTER LOW POWER SWITCHING REGULATOR 1 2 KEC(Korea Electronics)
KTA1703EPITAXIAL PLANAR PNP TRANSISTOR HIGH VOLTAGE DC-DC CONVERTER LOW POWER SWITCHING REGULATOR 1 2 KEC(Korea Electronics)
KTA1298EPITAXIAL PLANAR PNP TRANSISTOR LOW FREQUENCY POWER AMPLIFIER POWER SWITCHING 1 2 KEC(Korea Electronics)

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl