Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3531-3 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3531-3
Description  200mA Buck-Boost Synchronous DC/DC Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3531-3 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3531-3_15 Datasheet HTML 3Page - Linear Technology LTC3531-3_15 Datasheet HTML 4Page - Linear Technology LTC3531-3_15 Datasheet HTML 5Page - Linear Technology LTC3531-3_15 Datasheet HTML 6Page - Linear Technology LTC3531-3_15 Datasheet HTML 7Page - Linear Technology LTC3531-3_15 Datasheet HTML 8Page - Linear Technology LTC3531-3_15 Datasheet HTML 9Page - Linear Technology LTC3531-3_15 Datasheet HTML 10Page - Linear Technology LTC3531-3_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC3531/
LTC3531-3.3/LTC3531-3
7
3531fb
PI FU CTIO S ThinSOT/DFN Packages
SW2 (Pin 1/Pin 7): Buck-Boost Switch Pin Where Internal
Switches C and D are Connected. An optional Schottky
diode can be connected from SW2 to VOUT for a moderate
efficiency improvement. Minimize trace length to keep
EMI down.
GND (Pin 2/Pin 3): Signal Ground for the IC.
PGND (Pin 2/Pin 8): Power Ground for the IC. (Shared
on ThinSOT version)
VOUT(Pin3/Pin6):OutputoftheBuck-BoostSynchronous
Rectifier. A filter capacitor is placed from VOUT to GND.
A ceramic bypass capacitor is recommended as close to
the VOUT and GND pins as possible.
SHDN (Pin 4/Pin 4): External Shutdown Pin. An applied
voltage of < 0.4V shuts down the converter. A voltage
above >1.4V will enable the converter.
VIN (Pin 5/Pin 2): Input Supply Pin for the Buck-Boost
Converter. A minimum 2.2μF Ceramic Capacitor should
be placed between VIN and GND.
FB (NA/Pin 5): Feedback Pin for the Adjustable Version.
Connect the resistor divider tap here. The output voltage
can be adjusted from 2V to 5V.
V
R
R
OUT =+
⎝⎜
⎠⎟
1225 1
2
1
.
SW1 (Pin 6/Pin 1): Buck-Boost Switch Pin Where Internal
Switches A and B are Connected. Connect the inductor
from SW1 to SW2.
Exposed Pad (Pin 9, DFN): Solder to PCB ground for
optimal thermal performance.


Similar Part No. - LTC3531-3_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3531-3.3 LINER-LTC3531-3.3 Datasheet
695Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
LTC3531-3.3 LINER-LTC3531-3.3 Datasheet
392Kb / 28P
   High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
LTC3531-3.3 LINER-LTC3531-3.3 Datasheet
342Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3531-3.3 LINER-LTC3531-3.3 Datasheet
716Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
LTC3531-3.3 LINER-LTC3531-3.3_15 Datasheet
716Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
More results

Similar Description - LTC3531-3_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3531 LINER-LTC3531_15 Datasheet
716Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
LTC3531-3.3 LINER-LTC3531-3.3_15 Datasheet
716Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
LTC3531 LINER-LTC3531 Datasheet
695Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
logo
ams AG
AS1331 AMSCO-AS1331_07 Datasheet
2Mb / 17P
   300mA Buck-Boost Synchronous DC/DC Converters
AS1331 AMSCO-AS1331 Datasheet
2Mb / 16P
   300mA Buck-Boost Synchronous DC/DC Converters
logo
Linear Technology
LTC3522 LINER-LTC3522 Datasheet
260Kb / 20P
   Synchronous 400mA Buck-Boost and 200mA Buck Converters
LTC3522 LINER-LTC3522_15 Datasheet
282Kb / 20P
   Synchronous 400mA Buck-Boost and 200mA Buck Converters
LTC3129 LINER-LTC3129_15 Datasheet
405Kb / 30P
   15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3A Quiescent Current
LTC3129-1 LINER-LTC3129-1_15 Datasheet
560Kb / 30P
   15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3A Quiescent Current
logo
Shenzhen Huazhimei Semi...
HM3440 HMSEMI-HM3440 Datasheet
451Kb / 10P
   Synchronous Buck-Boost DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com