Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV20ARPEL Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74LV20ARPEL
Description  Dual 4-input Positive NAND Gates
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV20ARPEL Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74LV20ARPEL Datasheet HTML 1Page - Renesas Technology Corp HD74LV20ARPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LV20ARPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LV20ARPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LV20ARPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LV20ARPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LV20ARPEL Datasheet HTML 7Page - Renesas Technology Corp HD74LV20ARPEL Datasheet HTML 8Page - Renesas Technology Corp HD74LV20ARPEL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Rev.3.00 May 31, 2004 page 1 of 8
HD74LV20A
Dual 4-input Positive NAND Gates
REJ03D0236–0300Z
(Previous ADE-205-254A (Z))
Rev.3.00
May 31, 2004
Description
The HD74LV20A performs the Boolean functions Y =
A•B•C•D or Y = A+B+C+D in positive logic.
Low-voltage and high-speed operation is suitable for the battery-powered products (e.g., notebook computers), and the
low-power consumption extends the battery life.
Features
• V
CC = 2.0 V to 5.5 V operation
• All inputs V
IH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• All outputs V
O (Max.) = 5.5 V (@VCC = 0 V)
• Typial V
OL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typial V
OH undershoot > 2.3 V (@VCC = 3.3 V, Ta = 25°C)
• Output current ±6 mA (@V
CC = 3.0 V to 3.6 V), ±12 mA (@VCC = 4.5 V to 5.5 V)
• Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LV20AFPEL
SOP–14 pin(JEITA)
FP–14DAV
FP
EL (2,000 pcs/reel)
HD74LV20ARPEL
SOP–14 pin(JEDEC)
FP–14DNV
RP
EL (2,500 pcs/reel)
HD74LV20ATELL
TSSOP–14 pin
TTP–14DV
T
ELL (2,000 pcs/reel)
Note: Please consult the sales office for the above package availability.
Function Table
Inputs
ABC
D
Output Y
H
H
HHL
L
X
XXH
X
L
XXH
XXL
X
H
XXX
L
H
Note:
H: High level
L: Low level
X: Immaterial


Similar Part No. - HD74LV20ARPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV20ARPEL RENESAS-HD74LV20ARPEL Datasheet
70Kb / 9P
   Dual 4-input Positive NAND Gates
More results

Similar Description - HD74LV20ARPEL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5420 TI-SN5420 Datasheet
247Kb / 7P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
SN54ALS20A TI-SN54ALS20A Datasheet
95Kb / 6P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
74ACT11020 TI1-74ACT11020 Datasheet
79Kb / 5P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
SN5420 TI1-SN5420_15 Datasheet
951Kb / 20P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
SN54HC20 TI1-SN54HC20_15 Datasheet
1Mb / 20P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
logo
Renesas Technology Corp
HD74LS20 RENESAS-HD74LS20 Datasheet
66Kb / 6P
   Dual 4-input Positive NAND Gates
logo
Texas Instruments
SN54F20 TI-SN54F20 Datasheet
68Kb / 5P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
5962-8858901DA TI1-5962-8858901DA Datasheet
1Mb / 18P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
CD54ACT20 TI1-CD54ACT20 Datasheet
871Kb / 13P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
logo
Hitachi Semiconductor
HD74LS20 HITACHI-HD74LS20 Datasheet
42Kb / 5P
   Dual 4-input Positive NAND Gates
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com