Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LVU04ARPEL Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74LVU04ARPEL
Description  Hex Inverters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVU04ARPEL Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HD74LVU04ARPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LVU04ARPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LVU04ARPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LVU04ARPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LVU04ARPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LVU04ARPEL Datasheet HTML 7Page - Renesas Technology Corp HD74LVU04ARPEL Datasheet HTML 8Page - Renesas Technology Corp HD74LVU04ARPEL Datasheet HTML 9Page - Renesas Technology Corp HD74LVU04ARPEL Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
HD74LVU04A
Rev.2.00, May 21, 2004, page 4 of 7
DC Electrical Characteristics
Ta = –40 to 85°C
Item
Symbol
VCC (V)*
Min
Typ
Max
Unit
Test Conditions
2.0
1.7
2.3 to 2.7
VCC
× 0.8
3.0 to 3.6
VCC
× 0.8
VIH
4.5 to 5.5
VCC
× 0.8
2.0
0.3
2.3 to 2.7
VCC
× 0.2
3.0 to 3.6
VCC
× 0.2
Input voltage
VIL
4.5 to 5.5
VCC
× 0.2
V
Min to Max
VCC – 0.1
IOL = –50
µA
2.3
2.0
IOL = –2 mA
3.0
2.48
IOL = –6 mA
VOH
4.5
3.8
V
IOL = –12 mA
Min to Max
0.1
IOL = 50
µA
2.3
0.4
IOL = 2 mA
3.0
0.44
IOL = 6 mA
Output voltage
VOL
4.5
0.55
V
IOL = 12 mA
Input current
IIN
0 to 5.5
±1
µAVIN = 5.5 V or GND
Quiescent supply
current
ICC
5.5
20
µAVIN = VCC or GND, IO = 0
Input capacitance
CIN
3.3
4.0
pF
VI = VCC or GND
Note:
For conditions shown as Min or Max, use the appropriate values under recommended operating conditions.
Switching Characteristics
VCC = 2.5 ± 0.2 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
3.2
10.9
1.0
14.0
CL = 15 pF
Propagation
delay time
tPLH
tPHL
6.6
13.4
1.0
16.0
ns
CL = 50 pF
AY
VCC = 3.3 ± 0.3 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
2.5
8.9
1.0
10.5
CL = 15 pF
Propagation
delay time
tPLH
tPHL
4.7
11.4
1.0
13.0
ns
CL = 50 pF
AY
VCC = 5.0 ± 0.5 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
2.2
5.5
1.0
6.5
CL = 15 pF
Propagation
delay time
tPLH
tPHL
3.9
7.0
1.0
8.0
ns
CL = 50 pF
AY


Similar Part No. - HD74LVU04ARPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVU04ARPEL RENESAS-HD74LVU04ARPEL Datasheet
65Kb / 8P
   Hex Inverters
More results

Similar Description - HD74LVU04ARPEL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
   Hex Inverters
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com