Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74AC164P Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD74AC164P
Description  Serial-In, Parallel-Out Shift Register
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74AC164P Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD74AC164P Datasheet HTML 3Page - Renesas Technology Corp HD74AC164P Datasheet HTML 4Page - Renesas Technology Corp HD74AC164P Datasheet HTML 5Page - Renesas Technology Corp HD74AC164P Datasheet HTML 6Page - Renesas Technology Corp HD74AC164P Datasheet HTML 7Page - Renesas Technology Corp HD74AC164P Datasheet HTML 8Page - Renesas Technology Corp HD74AC164P Datasheet HTML 9Page - Renesas Technology Corp HD74AC164P Datasheet HTML 10Page - Renesas Technology Corp HD74AC164P Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
HD74AC164/HD74ACT164
Rev.2.00, Jul.16.2004, page 7 of 8
Package Code
JEDEC
JEITA
Mass (reference value)
FP-14DAV
Conforms
0.23 g
*Ni/Pd/Au plating
*0.40 ± 0.06
0.70 ± 0.20
0.12
0.15
0˚ – 8˚
M
10.06
1.42 Max
14
8
1
7
10.5 Max
+ 0.20
– 0.30
7.80
1.15
1.27
As of January, 2003
Unit: mm
Package Code
JEDEC
JEITA
Mass (reference value)
FP-14DNV
Conforms
Conforms
0.13 g
0˚ – 8˚
1.27
14
8
1
7
0.15
0.25 M
8.65
9.05 Max
*0.40 ± 0.06
0.635 Max
6.10
+ 0.10
– 0.30
0.60
+ 0.67
– 0.20
1.08
*Ni/Pd/Au plating
As of January, 2003
Unit: mm


Similar Part No. - HD74AC164P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74AC164P RENESAS-HD74AC164P Datasheet
136Kb / 9P
   Serial-In, Parallel-Out Shift Register
More results

Similar Description - HD74AC164P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F164A FAIRCHILD-74F164A_00 Datasheet
75Kb / 7P
   Serial-In, Parallel-Out Shift Register
logo
STMicroelectronics
T74LS164 STMICROELECTRONICS-T74LS164 Datasheet
107Kb / 5P
   SERIAL-IN PARALLEL-OUT SHIFT REGISTER
September 1988
logo
National Semiconductor ...
54F164ADM NSC-54F164ADM Datasheet
156Kb / 8P
   Serial-In, Parallel-Out Shift Register
logo
Hitachi Semiconductor
HD74AC164 HITACHI-HD74AC164 Datasheet
59Kb / 10P
   Serial-In, Parallel-Out Shift Register
logo
Renesas Technology Corp
HD74AC164 RENESAS-HD74AC164 Datasheet
136Kb / 9P
   Serial-In, Parallel-Out Shift Register
logo
Fairchild Semiconductor
74F164A FAIRCHILD-74F164A Datasheet
58Kb / 6P
   Serial-In, Parallel-Out Shift Register
logo
Motorola, Inc
SN54LS164 MOTOROLA-SN54LS164 Datasheet
78Kb / 4P
   SERIAL-IN PARALLEL-OUT SHIFT REGISTER
logo
National Semiconductor ...
74ACT164 NSC-74ACT164 Datasheet
112Kb / 6P
   Serial-In, Parallel-Out Shift Register
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Texas Instruments
54F164A TI1-54F164A Datasheet
200Kb / 10P
[Old version datasheet]   54F164A Serial-In, Parallel-Out Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com