Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3672B-2 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3672B-2
Description  Monolithic Fixed-Output 400mA Buck Regulator with Dual 150mA LDOs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3672B-2 Datasheet(HTML) 1 Page - Linear Technology

  LTC3672B-2 Datasheet HTML 1Page - Linear Technology LTC3672B-2 Datasheet HTML 2Page - Linear Technology LTC3672B-2 Datasheet HTML 3Page - Linear Technology LTC3672B-2 Datasheet HTML 4Page - Linear Technology LTC3672B-2 Datasheet HTML 5Page - Linear Technology LTC3672B-2 Datasheet HTML 6Page - Linear Technology LTC3672B-2 Datasheet HTML 7Page - Linear Technology LTC3672B-2 Datasheet HTML 8Page - Linear Technology LTC3672B-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC3672B-2
1
3672b2fa
n Triple Output Supply From a Single 2.9V to 5.5V Input
n Buck DC/DC: Fixed 1.2V Output, Up to 400mA
n LDO1: Fixed 2.8V Output, Up to 150mA
n LDO2: Fixed 1.8V Output, Up to 150mA
n ±2.5% Reference Accuracy
n Constant-Frequency 2.25MHz Operation
n Minimum External Component Count
n Current Mode Operation for Excellent Line and Load
Transient Response
n Internal Soft-Start for Each Output
n Single Enable Pin Turns On/Shuts Down All Three
Outputs
n Tiny 2mm
× 2mm × 0.75mm DFN Package
ILOAD (mA)
0
80
90
400
70
60
100
200
300
50
150
250
350
100
75
85
65
95
3672B2 TA01b
VIN = 2.9V
VIN = 5.5V
VIN = 3.6V
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Monolithic Fixed-Output
400mA Buck Regulator with Dual
150mA LDOs in 2mm
× 2mm DFN
The LTC®3672B-2 is a triple power supply composed of
a 400mA synchronous buck regulator and two 150mA
low-dropout linear regulators (LDOs). Constant-frequency
2.25MHz operation is maintained down to very light loads.
The input supply range of 2.9V to 5.5V is especially well-
suited for single-cell Lithium-Ion and Lithium-Polymer
applications, and for powering low voltage ASICs from
3.3V or 5V rails.
The LTC3672B-2 regulates 1.2V at the buck output, 2.8V
at the LDO1 output, and 1.8V at the LDO2 output. Exter-
nal component count is minimal—all that is needed is a
single inductor, an input capacitor, and output capacitors
for each of the three outputs. Control loop compensation
is internal to the LTC3672B-2.
The LTC3672B-2 is available in a 2mm
× 2mm × 0.75mm
8-Lead DFN package.
Buck DC/DC Efficiency vs Buck Load
n DMB and DVB-H Cellphones
n Handheld Products (PDA, PMP, GPS)
n Multivoltage Power for Digital Logic, I/O, FPGAs,
CPLDs, ASICs, CPUs, and RF Chipsets
LTC3672B-2
GND
ENALL
SW
VOUT2
2.8V, UP TO 150mA
(SUBJECT TO DROPOUT
LIMITATIONS)
VOUT1
1.2V
400mA
VIN
2.9V TO 5.5V
VOUT3
1.8V
150mA
ENABLE
INPUT
BUCKOUT
VIN VIN1
LDO1
LDO2
3672B2 TA01
1μF
1μF
4.7μF
4.7μH
2.2μF
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC3672B-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3672B-2 LINER-LTC3672B-2 Datasheet
149Kb / 12P
   Monolithic Fixed-Output 400mA Buck Regulator with Dual 150mA LDOs in 2mm 횞 2mm DFN
More results

Similar Description - LTC3672B-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3672B-2 LINER-LTC3672B-2 Datasheet
149Kb / 12P
   Monolithic Fixed-Output 400mA Buck Regulator with Dual 150mA LDOs in 2mm 횞 2mm DFN
LTC3672B-1 LINER-LTC3672B-1 Datasheet
174Kb / 12P
   Monolithic Fixed-Output 400mA Buck Regulator with Dual 150mA LDOs in 2mm 횞 2mm DFN
LTC3670 LINER-LTC3670_15 Datasheet
216Kb / 12P
   Monolithic 400mA Buck Regulator with Dual 150mA
LTC3672B-1 LINER-LTC3672B-1_15 Datasheet
177Kb / 12P
   Monolithic Fixed-Output 400mA Buck Regulator with Dual
LTC3670 LINER-LTC3670 Datasheet
219Kb / 12P
   Monolithic 400mA Buck Regulator with Dual 150mA LDOs in 3mm 횞 2mm DFN
LT3667 LINER-LT3667 Datasheet
441Kb / 34P
   40V 400mA Step-Down Switching Regulator with Dual Fault Protected LDOs
LT3667 LINER-LT3667_15 Datasheet
441Kb / 34P
   40V 400mA Step-Down Switching Regulator with Dual Fault Protected LDOs
logo
Micrel Semiconductor
MIC23250 MICREL-MIC23250_10 Datasheet
995Kb / 20P
   4MHz Dual 400mA Synchronous Buck Regulator with HyperLight Load
logo
Linear Technology
LT3668 LINER-LT3668 Datasheet
382Kb / 28P
   40V 400mA Step-Down Switching Regulator with Dual Fault Protected Tracking LDOs
LT3668 LINER-LT3668_15 Datasheet
382Kb / 28P
   40V 400mA Step-Down Switching Regulator with Dual Fault Protected Tracking LDOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com