Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD6464A Datasheet(PDF) 1 Page - NEC

Part # UPD6464A
Description  ON-SCREEN CHARACTER DISPLAY CMOS LSI FOR 12-LINE, 24-COLUMN DECK-TYPE VCR
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6464A Datasheet(HTML) 1 Page - NEC

  UPD6464A Datasheet HTML 1Page - NEC UPD6464A Datasheet HTML 2Page - NEC UPD6464A Datasheet HTML 3Page - NEC UPD6464A Datasheet HTML 4Page - NEC UPD6464A Datasheet HTML 5Page - NEC UPD6464A Datasheet HTML 6Page - NEC UPD6464A Datasheet HTML 7Page - NEC UPD6464A Datasheet HTML 8Page - NEC UPD6464A Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
©
1995, 1996
DATA SHEET
The
µPD6464A,6465 are CMOS LSIs for on-screen character display that control various display systems (such
as tape counters) including the program screens of deck-type VCRs and LD players. These LSIs are used in
combination with a microcomputer.
It can display characters each consisting of 12 (horizontal) by 18 (vertical) dots. Some chinese characters and
some pictograms can also be displayed by combining two or more characters.
The
µPD6464A,6465 include a power-ON clear function and a video RAM batch clear command that mitigate the
workload of the host microcomputer. It also has a synchronization separator and a
×4 multiplier on chip, eliminating
the need of connecting an external separator IC and a crystal resonator, which reduces the mounting area and the
total cost.
FEATURES
Video signal input/output
: Composite video signal
Number of display characters
: 12 lines, 24 columns (288 characters)
Number of character types
: 128 (
µPD6464A)/256 (µPD6465) (ROM). Variable by mask code option.
Character size
: 1 dot/1 line. 2 lines (field) can be displayed in line units.
Character color
: White (single color)
Background
: No background, black framing, black-on-white, and black filling
Dot matrix
: 12 (horizontal)
× 18 (vertical) dots without gap between adjacent characters
Blinking
: Blinking can be turned ON/OFF in character units. Blinking ratio is 1:1.
Blinking frequency is selectable from about 0.5 Hz, 1 Hz, and 2 Hz in screen
units.
Character signal output:
: Can support VCRs with S pins if external mixer is connected because
character signal and blanking signal output pins are provided.
Video RAM data clear
: Video RAM data are cleared by video RAM clear command and power-ON
clear function.
Supported video signal method
: NTSC/PAL/PAL-M/SECAM/PAL-N (
µPD6464A only)
Internal circuit
: Synchronization separation circuit for composite synchronizing signal and
×4
multiplier
Interface with microcomputer
: Serial input type of 8-bit variable word length
Supply voltage
: +5 V, single power supply
ORDERING INFORMATION
Part Number
Package
µPD6464ACS-×××
24-pin plastic shrink DIP (300 mil)
µPD6465CS-×××
24-pin plastic shrink DIP (300 mil)
µPD6464AGT-×××
24-pin plastic SOP (375 mil)
µPD6465GT-×××
24-pin plastic SOP (375 mil)
Remark
××× : ROM code suffix (CS-001, GT-101 : NEC standard device)
The information in this document is subject to change without notice.
Document No. S11043EJ4V0DS00 (4th edition)
Date Published May 1998 N CP(K)
Printed in Japan
MOS INTEGRATED CIRCUIT
µPD6464A,6465
ON-SCREEN CHARACTER DISPLAY CMOS LSI FOR 12-LINE,
24-COLUMN DECK-TYPE VCR
The mark
shows major revised points.


Similar Part No. - UPD6464A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD6464A RENESAS-UPD6464A Datasheet
580Kb / 54P
   MOS INTEGRATED CIRCUIT
1996
More results

Similar Description - UPD6464A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD6466 NEC-UPD6466 Datasheet
494Kb / 70P
   ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER, 12-ROW, 24-COLUMN, CAMERA-CONTAINED VCR
UPD6450 NEC-UPD6450 Datasheet
1Mb / 31P
   12LINE x 24 COLUMN ON-SCREEN CHARACTER DISPLAY CMOS LSI FOR VTR
UPD6467 NEC-UPD6467 Datasheet
609Kb / 68P
   ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER, 12-ROW, 28-COLUMN, CAMERA-CONTAINED VCR
UPD6461 NEC-UPD6461 Datasheet
411Kb / 60P
   CMOS LSI CHIP FOR CAMCORDER ON-SCREEN CHARACTER DISPLAY 12 ROWS x 24 COLUMNS
UPD6453 NEC-UPD6453 Datasheet
6Mb / 42P
   MOS INTEGRATED CIRCUIT CMOS LSI FOR 12 lines X 24 columns CHARACTER DISPLAY ON SCREEN
logo
Sanyo Semicon Device
LC74782 SANYO-LC74782 Datasheet
337Kb / 16P
   On-screen Display Controller LSI for VCR Products???
LC74783 SANYO-LC74783 Datasheet
338Kb / 15P
   On-screen Display Controller LSI for VCR Products????
LC74784 SANYO-LC74784 Datasheet
336Kb / 15P
   On-screen Display Controller LSI for VCR Products????
logo
NEC
UPD6451A NEC-UPD6451A Datasheet
2Mb / 40P
   MOS INTEGRATED CIRCUIT CMOS LSI FOR 12lines X 24 columns CHARACTER DISPLAY ON SCREEN
logo
Sanyo Semicon Device
LC74751 SANYO-LC74751 Datasheet
439Kb / 15P
   On-Screen Display LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com