Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HK040210NJ-T Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # HK040210NJ-T
Description  Multilayer Chip Inductors for High Frequency
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

HK040210NJ-T Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  HK040210NJ-T Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
INDUCTORS
Multilayer Chip Inductors for High Frequency Applications (HK series)
HK040210NJ-T
Features
Item Summary
10nH(±5%), 160mA, 3, 01005
Lifecycle Stage
Non-preferred
Standard packaging quantity (minimum)
Taping 20000pcs
Products characteristics table
CaseSize (EIA/JIS)
01005/0402
Inductance
10nH(±5%)
Inductance Measuring Frequency
100MHz
Rated Current
160mA
DC Resistance (max)
0.93Ω
Temperature Range
-55 to +125 ℃
Self-resonant Frequency (min)
3400MHz
Q (max)
3min
Q Measuring Frequency
100MHz
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow
External Dimensions
L
0.4mm ±0.02
W
0.2mm ±0.02
H
0.2mm ±0.02
e
0.1mm ±0.03
2015.06.04
1 / 1


Similar Part No. - HK040210NJ-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HK040210N-T TAIYO-YUDEN-HK040210N-T Datasheet
659Kb / 32P
   MULTILAYER CHIP INDUCTORS FOR HIGH FREQUENCY APPLICATIONS(HK SERIES)
HK040210N-T TAIYO-YUDEN-HK040210N-T Datasheet
749Kb / 31P
   MULTILAYER CHIP INDUCTORS FOR HIGH FREQUENCY APPLICATIONS(HK SERIES)
HK040210N-T TAIYO-YUDEN-HK040210N-T Datasheet
749Kb / 31P
   MULTILAYER CHIP INDUCTORS FOR HIGH FREQUENCY APPLICATIONS(HK SERIES)
More results

Similar Description - HK040210NJ-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HK060322NJ-T TAIYO-YUDEN-HK060322NJ-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
HK16081N5S-T TAIYO-YUDEN-HK16081N5S-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
HK16082N2S-T TAIYO-YUDEN-HK16082N2S-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
HK100512NJ-T TAIYO-YUDEN-HK100512NJ-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
HK100556NJ-T TAIYO-YUDEN-HK100556NJ-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
HK160818NJ-T TAIYO-YUDEN-HK160818NJ-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
HK06032N2S-T TAIYO-YUDEN-HK06032N2S-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
HK06034N7S-T TAIYO-YUDEN-HK06034N7S-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
HK10051N5S-T TAIYO-YUDEN-HK10051N5S-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
HK06031N0S-T TAIYO-YUDEN-HK06031N0S-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
HK16082N7S-T TAIYO-YUDEN-HK16082N7S-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com