Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD6465 Datasheet(PDF) 7 Page - NEC

Part # UPD6465
Description  ON-SCREEN CHARACTER DISPLAY CMOS LSI FOR 12-LINE, 24-COLUMN DECK-TYPE VCR
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6465 Datasheet(HTML) 7 Page - NEC

Back Button UPD6465 Datasheet HTML 3Page - NEC UPD6465 Datasheet HTML 4Page - NEC UPD6465 Datasheet HTML 5Page - NEC UPD6465 Datasheet HTML 6Page - NEC UPD6465 Datasheet HTML 7Page - NEC UPD6465 Datasheet HTML 8Page - NEC UPD6465 Datasheet HTML 9Page - NEC UPD6465 Datasheet HTML 10Page - NEC UPD6465 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
µPD6464A,6465
7
1.
COMMANDS
1.1 Command Format
Control commands are of variable length in 8-bit units and are input in serial.
Three types of commands are available: 1-byte commands consisting of 8 bits of instruction and data in
combination, 2-byte commands of 16 bits of instruction and data in combination, and a 2-byte contiguous
command that can be abbreviated for input.
Input command data from the MSB first.
1.2 Command List
1-byte commands
Function
D7
D6
D5
D4
D3
D2
D1
D0
Video RAM batch clear
00000000
Display control
0001
D0
LC
BL1
BL0
Internal video signal color control
0010
R
G
B
0
Background control
00110
BS1
BS0
0
Internal/external mode control, crystal
01000
E/I
0
XOSC
oscillation control
Video signal method control
01001
N/P2
N/P1
N/P0
Oscillation method control
010100
Xfc
0
2-byte commands
Function
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Display position control
100000
V4
V3
V2
V1
V0
H4
H3
H2
H1
H0
Write address control
1000100
AR3
AR2
AR1
AR0
AC4
AC3
AC2
AC1
AC0
Output level control
1001000
VPD
000001
VC1
VC0
Character size control
100110000
S0
00
AR3
AR2
AR1
AR0
Test mode Note
10110000
T7
T6
T5
T4
T3
T2
T1
T0
Note Must not be used.
2-byte contiguous command
Function
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Display character
110000
BL
0
C7
C6
C5
C4
C3
C2
C1
C0
control
Note Fixed to "0" (
µPD6464A)
(MSB)
(MSB)
(MSB)
Note


Similar Part No. - UPD6465

ManufacturerPart #DatasheetDescription
logo
NEC
UPD6461 NEC-UPD6461 Datasheet
411Kb / 60P
   CMOS LSI CHIP FOR CAMCORDER ON-SCREEN CHARACTER DISPLAY 12 ROWS x 24 COLUMNS
logo
Renesas Technology Corp
UPD6461 RENESAS-UPD6461 Datasheet
605Kb / 62P
   MOS INTEGRATED CIRCUIT
1998
logo
NEC
UPD6461GS NEC-UPD6461GS Datasheet
411Kb / 60P
   CMOS LSI CHIP FOR CAMCORDER ON-SCREEN CHARACTER DISPLAY 12 ROWS x 24 COLUMNS
logo
Renesas Technology Corp
UPD6461GS-XXX RENESAS-UPD6461GS-XXX Datasheet
605Kb / 62P
   MOS INTEGRATED CIRCUIT
1998
logo
NEC
UPD6461GT NEC-UPD6461GT Datasheet
411Kb / 60P
   CMOS LSI CHIP FOR CAMCORDER ON-SCREEN CHARACTER DISPLAY 12 ROWS x 24 COLUMNS
More results

Similar Description - UPD6465

ManufacturerPart #DatasheetDescription
logo
NEC
UPD6466 NEC-UPD6466 Datasheet
494Kb / 70P
   ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER, 12-ROW, 24-COLUMN, CAMERA-CONTAINED VCR
UPD6450 NEC-UPD6450 Datasheet
1Mb / 31P
   12LINE x 24 COLUMN ON-SCREEN CHARACTER DISPLAY CMOS LSI FOR VTR
UPD6467 NEC-UPD6467 Datasheet
609Kb / 68P
   ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER, 12-ROW, 28-COLUMN, CAMERA-CONTAINED VCR
UPD6461 NEC-UPD6461 Datasheet
411Kb / 60P
   CMOS LSI CHIP FOR CAMCORDER ON-SCREEN CHARACTER DISPLAY 12 ROWS x 24 COLUMNS
UPD6453 NEC-UPD6453 Datasheet
6Mb / 42P
   MOS INTEGRATED CIRCUIT CMOS LSI FOR 12 lines X 24 columns CHARACTER DISPLAY ON SCREEN
logo
Sanyo Semicon Device
LC74782 SANYO-LC74782 Datasheet
337Kb / 16P
   On-screen Display Controller LSI for VCR Products???
LC74783 SANYO-LC74783 Datasheet
338Kb / 15P
   On-screen Display Controller LSI for VCR Products????
LC74784 SANYO-LC74784 Datasheet
336Kb / 15P
   On-screen Display Controller LSI for VCR Products????
logo
NEC
UPD6451A NEC-UPD6451A Datasheet
2Mb / 40P
   MOS INTEGRATED CIRCUIT CMOS LSI FOR 12lines X 24 columns CHARACTER DISPLAY ON SCREEN
logo
Sanyo Semicon Device
LC74751 SANYO-LC74751 Datasheet
439Kb / 15P
   On-Screen Display LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com