Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4442 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4442
Description  High Speed Synchronous N-Channel MOSFET Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4442 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4442_15 Datasheet HTML 6Page - Linear Technology LTC4442_15 Datasheet HTML 7Page - Linear Technology LTC4442_15 Datasheet HTML 8Page - Linear Technology LTC4442_15 Datasheet HTML 9Page - Linear Technology LTC4442_15 Datasheet HTML 10Page - Linear Technology LTC4442_15 Datasheet HTML 11Page - Linear Technology LTC4442_15 Datasheet HTML 12Page - Linear Technology LTC4442_15 Datasheet HTML 13Page - Linear Technology LTC4442_15 Datasheet HTML 14Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LTC4442/LTC4442-1
11
4442fb
To obtain the optimum performance from the LTC4442:
A. Mount the bypass capacitors as close as possible
between the VLOGIC and GND pins, the VCC and GND
pins, and the BOOST and TS pins. The leads should
be shortened as much as possible to reduce lead
inductance.
B. Use a low inductance, low impedance ground plane
to reduce any ground drop and stray capacitance.
Remember that the LTC4442 switches greater than
5A peak currents and any significant ground drop will
degrade signal integrity.
APPLICATIONS INFORMATION
C. Plan the power/ground routing carefully. Know where
the large load switching current is coming from and
going to. Maintain separate ground return paths for
the input pin and the output power stage.
D. Keep the copper traces between the driver output pins
and the load short and wide.
E. Be sure to solder the Exposed Pad on the back side of
the LTC4442 packages to the board. Correctly soldered
to a 2500mm2 double-sided 1oz copper board, the
LTC4442 has a thermal resistance of approximately
40°C/W. Failure to make good thermal contact between
the exposed back side and the copper board will result
in thermal resistances far greater.


Similar Part No. - LTC4442_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4442-1 LINER-LTC4442-1 Datasheet
161Kb / 12P
   High Speed Synchronous N-Channel MOSFET Drivers
LTC4442-1 LINER-LTC4442-1 Datasheet
550Kb / 36P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
LTC4442-1 LINER-LTC4442-1 Datasheet
184Kb / 14P
   High Speed Synchronous N-Channel MOSFET Drivers
logo
Analog Devices
LTC4442-1 AD-LTC4442-1 Datasheet
2Mb / 18P
   100V Half-Bridge Driver with Floating Grounds and Adjustable Dead-Time
LTC4442-1 AD-LTC4442-1 Datasheet
617Kb / 14P
   150V Dual High-Side MOSFET Gate Driver
Rev. 0
More results

Similar Description - LTC4442_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4442-1 LINER-LTC4442-1_15 Datasheet
184Kb / 14P
   High Speed Synchronous N-Channel MOSFET Drivers
LTC4442 LINER-LTC4442 Datasheet
161Kb / 12P
   High Speed Synchronous N-Channel MOSFET Drivers
LTC4443 LINER-LTC4443 Datasheet
145Kb / 12P
   High Speed Synchronous N-Channel MOSFET Drivers
logo
National Semiconductor ...
LM2725 NSC-LM2725 Datasheet
159Kb / 9P
   High Speed Synchronous MOSFET Drivers
logo
Texas Instruments
LM2725 TI1-LM2725 Datasheet
780Kb / 16P
[Old version datasheet]   LM2725/LM2726 High Speed Synchronous MOSFET Drivers
logo
Linear Technology
LTC4449 LINER-LTC4449 Datasheet
169Kb / 12P
   High Speed Synchronous N-Channel MOSFET Driver
LTC1693-2IS8 LINER-LTC1693-2IS8 Datasheet
247Kb / 20P
   High Speed Single/Dual N-Channel MOSFET Drivers
LTC1693 LINER-LTC1693_15 Datasheet
269Kb / 20P
   High Speed Single/Dual N-Channel MOSFET Drivers
LTC4449 LINER-LTC4449_15 Datasheet
182Kb / 14P
   High Speed Synchronous N-Channel MOSFET Driver
LTC4447 LINER-LTC4447 Datasheet
190Kb / 12P
   High Speed Synchronous N-Channel MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com