Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4442 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4442
Description  High Speed Synchronous N-Channel MOSFET Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4442 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4442 Datasheet HTML 5Page - Linear Technology LTC4442 Datasheet HTML 6Page - Linear Technology LTC4442 Datasheet HTML 7Page - Linear Technology LTC4442 Datasheet HTML 8Page - Linear Technology LTC4442 Datasheet HTML 9Page - Linear Technology LTC4442 Datasheet HTML 10Page - Linear Technology LTC4442 Datasheet HTML 11Page - Linear Technology LTC4442 Datasheet HTML 12Page - Linear Technology LTC4442 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LTC4442/LTC4442-1
9
4442fb
OPERATION
8
BOOST
LTC4442
TG
N1
Q1
1
TS
CGS
CGD
HIGH SIDE
POWER
MOSFET
VIN
UP TO 38V
2
7
VCC
BG
N2
Q2
Q3
3
GND
CGS
4442 F02
CGD
LOW SIDE
POWER
MOSFET
4
LOAD
INDUCTOR
Figure 2. Capacitance Seen by BG and TG During Switching
eliminating cross-conduction current from flowing from
the VIN supply through the MOSFETs to ground during a
switch transition.
Output Stage
A simplified version of the LTC4442’s output stage is
shown in Figure 2. The pull-up device on both the BG and
TG outputs is an NPN bipolar junction transistor (Q1 and
Q2). The BG and TG outputs are pulled up to within an
NPN VBE (~0.7V) of their positive rails (VCC and BOOST,
respectively).BothBGandTGhaveN-channelMOSFETpull-
down devices (N1 and N2) which pull BG and TG down to
their negative rails, GND and TS. An additional NPN bipolar
junction transistor (Q3) is present on BG to increase its
pull-down drive current capacity. The large voltage swing of
the BG and TG output pins is important in driving external
power MOSFETs, whose RDS(ON) is inversely proportional
to its gate overdrive voltage (VGS – VTH).
Rise/Fall Time
Since the power MOSFET generally accounts for the major-
ity of power loss in a converter, it is important to quickly
turn it on and off, thereby minimizing the transition time
and power loss. The LTC4442’s peak pull-up current of
2.4A for both BG and TG (Q1 and Q2) produces a rapid
turn-on transition for the MOSFETs. This high current is
capable of driving a 3nF load with a 12ns rise time.
It is also important to turn the power MOSFETs off quickly
to minimize power loss due to transition time; however,
an additional benefit of a strong pull-down on the driver
outputs is the prevention of cross-conduction current. For
example, when BG turns the low-side power MOSFET off
and TG turns the high-side power MOSFET on, the volt-
age on the TS pin will rise to VIN very rapidly. This high
frequency positive voltage transient will couple through
the CGD capacitance of the low side power MOSFET to
the BG pin. If the BG pin is not held down sufficiently, the
voltage on the BG pin will rise above the threshold volt-
age of the low side power MOSFET, momentarily turning
it back on. As a result, both the high side and low side
MOSFETs will be conducting, which will cause significant
cross-conduction current to flow through the MOSFETs
from VIN to ground, thereby introducing substantial power
loss. A similar effect occurs on TG due to the CGS and CGD
capacitances of the high side MOSFET.
The LTC4442’s powerful parallel combination of the
N-channel MOSFET (N2) and NPN (Q3) on the BG pull-down
generates a phenomenal 5ns fall time on BG while driving
a 3nF load. Similarly, the 1Ω pull-down MOSFET (N1) on
TG results in a rapid 8ns fall time with a 3nF load. These
powerful pull-down devices minimize the power loss as-
sociated with MOSFET turn-off time and cross-conduction
current.


Similar Part No. - LTC4442

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4442 LINER-LTC4442 Datasheet
161Kb / 12P
   High Speed Synchronous N-Channel MOSFET Drivers
LTC4442 LINER-LTC4442 Datasheet
194Kb / 18P
   High Side Micropower MOSFET Driver Fully Enhances N-Channel Power MOSFETs
LTC4442 LINER-LTC4442 Datasheet
199Kb / 16P
   N-Channel MOSFET Gate Driver Available in SO-8 and 10-Lead MSOP
LTC4442 LINER-LTC4442 Datasheet
550Kb / 36P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
LTC4442 LINER-LTC4442 Datasheet
984Kb / 28P
   Fixed Ratio High Power Inductorless (Charge Pump) DC/DC Controller
More results

Similar Description - LTC4442

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4442-1 LINER-LTC4442-1_15 Datasheet
184Kb / 14P
   High Speed Synchronous N-Channel MOSFET Drivers
LTC4442 LINER-LTC4442 Datasheet
161Kb / 12P
   High Speed Synchronous N-Channel MOSFET Drivers
LTC4443 LINER-LTC4443 Datasheet
145Kb / 12P
   High Speed Synchronous N-Channel MOSFET Drivers
logo
National Semiconductor ...
LM2725 NSC-LM2725 Datasheet
159Kb / 9P
   High Speed Synchronous MOSFET Drivers
logo
Texas Instruments
LM2725 TI1-LM2725 Datasheet
780Kb / 16P
[Old version datasheet]   LM2725/LM2726 High Speed Synchronous MOSFET Drivers
logo
Linear Technology
LTC4449 LINER-LTC4449 Datasheet
169Kb / 12P
   High Speed Synchronous N-Channel MOSFET Driver
LTC1693-2IS8 LINER-LTC1693-2IS8 Datasheet
247Kb / 20P
   High Speed Single/Dual N-Channel MOSFET Drivers
LTC1693 LINER-LTC1693_15 Datasheet
269Kb / 20P
   High Speed Single/Dual N-Channel MOSFET Drivers
LTC4449 LINER-LTC4449_15 Datasheet
182Kb / 14P
   High Speed Synchronous N-Channel MOSFET Driver
LTC4447 LINER-LTC4447 Datasheet
190Kb / 12P
   High Speed Synchronous N-Channel MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com