Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2260 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2260
Description  STR73x SystemMemory Boot Mode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2260 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2260 Datasheet HTML 2Page - STMicroelectronics AN2260 Datasheet HTML 3Page - STMicroelectronics AN2260 Datasheet HTML 4Page - STMicroelectronics AN2260 Datasheet HTML 5Page - STMicroelectronics AN2260 Datasheet HTML 6Page - STMicroelectronics AN2260 Datasheet HTML 7Page - STMicroelectronics AN2260 Datasheet HTML 8Page - STMicroelectronics AN2260 Datasheet HTML 9Page - STMicroelectronics AN2260 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2 UART SystemMemory boot mode
AN2260
6/10
2
UART SystemMemory boot mode
2.1
UART SystemMemory code sequence
After SystemMemory mode is entered and the STR73x is configured as described above, the
SystemMemory code begins to scan the RXD0 line, waiting to receive a zero byte (one start bit,
eight '0' data bits, and one stop bit).
The duration of this zero byte is measured using the Timer Base 0. The count value of the timer
is then used to calculate the corresponding baud rate factor with respect to the current system
clock.
Next, the code initializes the serial interface accordingly, and sets up pin TXD0 to an alternate
function, push-pull output. Using this calculated baud rate, an acknowledge byte is returned to
the host which signals that the STR73x is ready to receive the 128 bytes of download data.
Note:
The watchdog timer is disabled during SystemMemory Mode, so the boot loading sequence is
not time limited.
Note:
The acknowledge byte is 0x95 for the STR73x devices.
Figure 2.
UART0 SystemMemory boot sequence
(1) Reset Stabilization & Code Initialization Time ( > 2ms)
(2) Zero Byte Reception
(3) Acknowledge Byte Transmission
(4) 128 Byte Loader Download
1
2
3
4
RSTIN
M1
RX
TX
Reset
SystemMemory UART branch
Downloaded
Code
SysMemory
Code
Code
128 Byte transfer


Similar Part No. - AN2260

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
AN2264 MOTOROLA-AN2264 Datasheet
286Kb / 20P
   Freescale Semiconductor, Inc.
logo
STMicroelectronics
AN2266 STMICROELECTRONICS-AN2266 Datasheet
247Kb / 16P
   SLIC based system protection for European and Asian markets
AN2267 STMICROELECTRONICS-AN2267 Datasheet
351Kb / 19P
   Implementation of current regulator for BLDC motor control with ST7FMC
AN2269 STMICROELECTRONICS-AN2269 Datasheet
818Kb / 25P
   Using the ST8024 Smartcard Interface
More results

Similar Description - AN2260

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2430 STMICROELECTRONICS-AN2430 Datasheet
195Kb / 24P
   STR75x SystemMemory boot mode
AN2202 STMICROELECTRONICS-AN2202 Datasheet
128Kb / 12P
   STR73x microcontroller power management
AN2156 STMICROELECTRONICS-AN2156 Datasheet
259Kb / 24P
   STR73x Hardware Getting Started
AN2606 STMICROELECTRONICS-AN2606 Datasheet
1Mb / 155P
   STM32 microcontroller system memory boot mode
logo
Tyco Electronics
202C621-51-0 MACOM-202C621-51-0 Datasheet
183Kb / 2P
   UNI-BOOT
logo
Glenair, Inc.
M85049-74-08-1 GLENAIR-M85049-74-08-1 Datasheet
83Kb / 1P
   Potting Boot
logo
Qualtek Electronics Cor...
727-00-00 QUALTEK-727-00-00 Datasheet
289Kb / 1P
   INSULATION BOOT
logo
TE Connectivity Ltd
202C611THRU663 TEC-202C611THRU663 Datasheet
176Kb / 1P
   UNI-BOOT
logo
Glenair, Inc.
M85049-75-08-1 GLENAIR-M85049-75-08-1 Datasheet
60Kb / 1P
   Potting Boot
logo
Qualtek Electronics Cor...
728-00-00 QUALTEK-728-00-00 Datasheet
290Kb / 1P
   INSULATION BOOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com