Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAL02TBR56K Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # LAL02TBR56K
Description  Axial Leaded Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LAL02TBR56K Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  LAL02TBR56K Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
INDUCTORS
Axial Leaded Inductors
LAL02TBR56K
Features
Item Summary
0.56μH(±10%), 320mA, 35, Leaded
Lifecycle Stage
Standard packaging quantity (minimum)
Taping 2000pcs
Products characteristics table
External Dimensions (mm) LxD
3.4(max)×2.3(max)mm
Inductance
0.56μH(±10%)
Inductance Measuring Frequency
25.2MHz
DC Resistance (max)
0.61Ω
Q (min)
35min
Temperature Range
-25 to +105 ℃
Self-resonant Frequency (min)
210MHz
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Wave
External Dimensions
L
3.4mm max
D
2.3mm max
2015.06.04
1 / 1


Similar Part No. - LAL02TBR56K

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LAL02TBR22K TAIYO-YUDEN-LAL02TBR22K Datasheet
138Kb / 1P
   Axial Leaded Inductors
LAL02TBR27K TAIYO-YUDEN-LAL02TBR27K Datasheet
138Kb / 1P
   Axial Leaded Inductors
LAL02TBR33K TAIYO-YUDEN-LAL02TBR33K Datasheet
138Kb / 1P
   Axial Leaded Inductors
LAL02TBR39K TAIYO-YUDEN-LAL02TBR39K Datasheet
138Kb / 1P
   Axial Leaded Inductors
LAL02TBR47K TAIYO-YUDEN-LAL02TBR47K Datasheet
138Kb / 1P
   Axial Leaded Inductors
More results

Similar Description - LAL02TBR56K

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
CAL45TB6R8K TAIYO-YUDEN-CAL45TB6R8K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB102K TAIYO-YUDEN-CAL45TB102K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB150K TAIYO-YUDEN-CAL45TB150K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB270K TAIYO-YUDEN-CAL45TB270K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB822K TAIYO-YUDEN-CAL45TB822K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB1R2K TAIYO-YUDEN-CAL45VB1R2K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB2R2K TAIYO-YUDEN-CAL45VB2R2K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB2R7K TAIYO-YUDEN-CAL45VB2R7K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB4R7K TAIYO-YUDEN-CAL45VB4R7K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB8R2K TAIYO-YUDEN-CAL45VB8R2K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB150K TAIYO-YUDEN-CAL45VB150K Datasheet
138Kb / 1P
   Axial Leaded Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com