Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2471 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2471
Description  STMAV335 has three sets
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2471 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2471 Datasheet HTML 2Page - STMicroelectronics AN2471 Datasheet HTML 3Page - STMicroelectronics AN2471 Datasheet HTML 4Page - STMicroelectronics AN2471 Datasheet HTML 5Page - STMicroelectronics AN2471 Datasheet HTML 6Page - STMicroelectronics AN2471 Datasheet HTML 7Page - STMicroelectronics AN2471 Datasheet HTML 8Page - STMicroelectronics AN2471 Datasheet HTML 9Page - STMicroelectronics AN2471 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Video input & output ports
AN2471
6/12
Table 3.
Bill of material
No
Component
Designator
Package
Manufacturer
1
STMAV335
U1
TSSOP16
STMicroelectronics
2
S-Video CON
S VIDEO_IN, S VIDEO_OUT
3
VGA FEMALE CON
VGA_IN, VGA_OUT
4
RCA CON
Y_IN, Pb_IN, Pr_IN,CVBS_IN, Y_OUT,
Pb_OUT, Pr_OUT, CVBS_OUT
5
LD1117V50
U5
TO-220
STMicroelectronics
6
DF04M RECTIFIER
U4
DFM
GENERAL SEMI
7
DC JACK
DC JACK
8
POWER SOCKET
VCC5V, GND
8
POWER SOCKET
VCC5V, GND
9
FERRITE BEAD
L1, L2
1206
10
100 nF Cap
C2,C3
0603
11
10
µF Electrolytic Cap C1, C4
Cap7.62 mm
12
Jumper
JP9, JP10
HDR 2X1
13
10 k
Ω Resistor
R1, R2
0603
14
0
Ω Resistor
JP11, JP12, JP13
0603


Similar Part No. - AN2471

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AN247 MICROCHIP-AN247 Datasheet
719Kb / 32P
   A CAN Bootloader for PIC18F CAN Microcontrollers
02/12/03
logo
STMicroelectronics
AN2472 STMICROELECTRONICS-AN2472 Datasheet
143Kb / 11P
   STMAV340 analog video switch
AN2474 STMICROELECTRONICS-AN2474 Datasheet
145Kb / 7P
   TS4995 1.2W fully differential audio power amplifier with selectable
AN2475 STMICROELECTRONICS-AN2475 Datasheet
1Mb / 37P
   STR91xFAxxx in-application programming using UART
AN2476 STMICROELECTRONICS-AN2476 Datasheet
665Kb / 49P
   STR75x low power modes
More results

Similar Description - AN2471

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4076B TEMIC-U4076B Datasheet
90Kb / 6P
   Three-Tone Ringer for Telephone Sets
logo
DinTek Semiconductor Co...
DTJ16A80 DINTEK-DTJ16A80 Datasheet
2Mb / 6P
   Three-terminal bidirectional thyristor has the ability to withstand large
logo
Vishay Siliconix
RHK VISHAY-RHK Datasheet
81Kb / 2P
   Voltage Multiplier Sets
Revision: 23-May-05
logo
Connor-Winfield Corpora...
STC5423 CONNOR-WINFIELD-STC5423 Datasheet
1Mb / 60P
   Synchronous Clock for SETS
STC4130 CONNOR-WINFIELD-STC4130 Datasheet
416Kb / 44P
   Synchronous Clock for SETS
STC5428 CONNOR-WINFIELD-STC5428 Datasheet
1Mb / 66P
   Synchronous Clock for SETS
logo
Pomona Electronics
5898 POMONA-5898 Datasheet
24Kb / 1P
   Replacement Test Lead Sets
logo
Schneider Electric
VRKP4YYYYY00012 SCHNEIDER-VRKP4YYYYY00012 Datasheet
115Kb / 1P
   sets of sliding films
Apr 20, 2022
logo
Connor-Winfield Corpora...
STC5230 CONNOR-WINFIELD-STC5230 Datasheet
791Kb / 48P
   Synchronous Clock for SETS
STC5420 CONNOR-WINFIELD-STC5420 Datasheet
2Mb / 70P
   Synchronous Clock for SETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com