Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1112 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1112
Description  Dual/Quad Low Power Precision, Picoamp Input Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1112 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1112 Datasheet HTML 7Page - Linear Technology LT1112 Datasheet HTML 8Page - Linear Technology LT1112 Datasheet HTML 9Page - Linear Technology LT1112 Datasheet HTML 10Page - Linear Technology LT1112 Datasheet HTML 11Page - Linear Technology LT1112 Datasheet HTML 12Page - Linear Technology LT1112 Datasheet HTML 13Page - Linear Technology LT1112 Datasheet HTML 14Page - Linear Technology LT1112 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1112/LT1114
111214fb
The concepts of common mode and power supply rejec-
tion ratio match (
∆CMRR and ∆PSRR) are best demon-
strated with a numerical example:
Assume CMRRA = + 1µV/V or 120dB,
and CMRRB = + 0.75µV/V or 122.5dB,
then
∆CMRR = 0.25µV/V or 132dB;
if CMRRB = – 0.75µV/V which is still 122.5dB,
then
∆CMRR = 1.75µV/V or 115dB.
Clearly the LT1112/LT1114, by specifying and guarantee-
ing all of these matching parameters, can significantly
improve the performance of matching-dependent
circuits.
Three Op Amp Instrumentation Amplifier
APPLICATIO S I FOR ATIO
+
1/2 LT1112
OR
1/4 LT1114
A
1/2 LT1112
OR
1/4 LT1114
D
IN
IN+
R1
10k
1%
R3
2.1k
1%
R8
200
R2
10k
1%
R4
100
0.5%
R5
100
0.5%
C1
33pF
R10
1M
R6
10k
0.5%
R7
9.88k
0.5%
R9
200
OUTPUT
LT1097 OR
1/4LT1114
B OR C
GAIN = 1000
TRIM R8 FOR GAIN
TRIM R9 FOR DC
COMMON MODE REJECTION
TRIM R10 FOR AC
COMMON MODE REJECTION
LT1112/14 • AI02
Typical performance of the instrumentation amplifier:
Input offset voltage = 35
µV
Offset voltage drift = 0.3
µV/°C
Input bias current = 80pA
Input offset current = 100pA
Input resistance = 800G
Input noise = 0.42
µVP-P
When the instrumentation amplifier is used with high
impedance sources, the LT1114 is recommended because
its CMRR vs frequency performance is better than the
LT1112’s. For example, with two matched 1M
Ω source
resistors, CMRR at 100Hz is 100dB with the LT1114, 76dB
with the LT1112.
This difference is explained by the fact that capacitance
between adjacent pins on an IC package is about 0.25pF
(including package, socket and PC board trace capaci-
tances).
On the dual op amp package, positive input A is next to the
V pin (AC ground), while positive input B has no AC
ground pin adjacent to it, resulting in a 0.25pF input
capacitance mismatch. At 100Hz, 0.25pF represents a
6.4 • 109 input impedance mismatch, which is only 76dB
higher than the 1M
Ω source resistors.
On the quad package, all four inputs are adjacent to a
power supply terminal—therefore, there is no mismatch.


Similar Part No. - LT1112

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1112 LINER-LT1112 Datasheet
369Kb / 12P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1112 LINER-LT1112 Datasheet
285Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
logo
Linear Integrated Syste...
LT1112 LINEAR-LT1112 Datasheet
339Kb / 16P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
logo
Linear Technology
LT1112 LINER-LT1112 Datasheet
860Kb / 22P
   Dual/Quad 3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amp
LT1112 LINER-LT1112 Datasheet
1,014Kb / 22P
   3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amps
More results

Similar Description - LT1112

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1112 LINEAR-LT1112_1 Datasheet
339Kb / 16P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
logo
Linear Technology
LT1112 LINER-LT1112 Datasheet
369Kb / 12P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1114 LINER-LT1114_15 Datasheet
345Kb / 16P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1885 LINER-LT1885_15 Datasheet
174Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1884 LINER-LT1884 Datasheet
178Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1884 LINER-LT1884_15 Datasheet
174Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1881 LINER-LT1881_1 Datasheet
562Kb / 16P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1882 LINER-LT1882_15 Datasheet
308Kb / 18P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1881 LINER-LT1881 Datasheet
183Kb / 12P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1881 LINER-LT1881_15 Datasheet
308Kb / 18P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com