Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1173 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1173
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1173 Datasheet(HTML) 3 Page - Linear Technology

  LT1173 Datasheet HTML 1Page - Linear Technology LT1173 Datasheet HTML 2Page - Linear Technology LT1173 Datasheet HTML 3Page - Linear Technology LT1173 Datasheet HTML 4Page - Linear Technology LT1173 Datasheet HTML 5Page - Linear Technology LT1173 Datasheet HTML 6Page - Linear Technology LT1173 Datasheet HTML 7Page - Linear Technology LT1173 Datasheet HTML 8Page - Linear Technology LT1173 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT1173
3
VSAT
SWSAT Voltage, Step-Down Mode
VIN = 12V, ISW = 650mA
1.1
1.5
V
q
1.7
V
AV
Gain Block Gain
RL = 100kΩ (Note 3)
q
400
1000
V/V
Current Limit
220
Ω to ILIM to VIN
400
mA
Current Limit Temperature Coeff.
q
– 0.3
%/
°C
Switch OFF Leakage Current
Measured at SW1 Pin
1
10
µA
VSW2
Maximum Excursion Below GND
ISW1 ≤ 10µA, Switch Off
– 400
– 350
mV
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Note 2: The output voltage waveform will exhibit a sawtooth shape due to
the comparator hysteresis. The output voltage on the fixed output versions
will always be within the specified range.
Note 3: 100k
Ω resistor connected between a 5V source and the AO pin.
The q denotes the specifications which apply over the full operating
temperature range.
Note 1: This specification guarantees that both the high and low trip points
of the comparator fall within the 1.20V to 1.30V range.
ELECTRICAL C
C
HARA TERISTICS T
A = 25°C, VIN = 3V, unless otherwise noted.
Maximum Switch Current vs
Set Pin Bias Current vs
Feedback Pin Bias Current vs
RLIM Step-Down Mode
Temperature
Temperature
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
I
(A)
0
0
0.2
0.4
0.6
1.0
1.2
0.2
0.4
0.6
0.8
LT1173 • TPC01
0.8
1.0
1.2
SWITCH
V = 5.0V
IN
V = 3.0V
IN
V = 2.0V
IN
I
(A)
0
0.7
0.8
0.9
1.1
1.3
1.4
0.1
0.2
0.3
0.4
LT1173 • TPC02
1.2
0.5
0.6
SWITCH
0.7
0.8
1.0
Switch ON Voltage
Saturation Voltage Step-Up Mode
Step-Down Mode
Maximum Switch Current vs
(SW2 Pin Grounded)
(SW1 Pin Connected to VIN)RLIM Step-Up Mode
TEMPERATURE (°C)
–50
10
15
20
–25
0
25
50
LT1173 •TPC04
75
100
125
V
= 3V
IN
5
TEMPERATURE (°C)
–50
14
16
18
–25
0
25
50
LT1173 •TPC05
75
100
125
V
= 3V
IN
12
10
8
R
( )
100
0
400
800
1000
LT1173 • TPC09
900
700
600
500
300
200
LIM
1000
VOUT = 5V
100
VIN = 24V
L = 500
µH
VIN = 12V
L = 250
µH
R
( )
10
100
400
800
1200
100
LT1173 • TPC03
1000
900
700
600
500
300
200
LIM
1000
1100
2V
≤ V
IN ≤ 5V


Similar Part No. - LT1173

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1173 LINER-LT1173 Datasheet
322Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1173-12 LINER-LT1173-12 Datasheet
322Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1173-5 LINER-LT1173-5 Datasheet
322Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1173CN8 LINER-LT1173CN8 Datasheet
322Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1173CN8-12 LINER-LT1173CN8-12 Datasheet
322Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
More results

Similar Description - LT1173

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1111 LINER-LT1111 Datasheet
337Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111_03 Datasheet
237Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1107 LINER-LT1107 Datasheet
254Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1073 LINER-LT1073_15 Datasheet
264Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1107 LINER-LT1107_15 Datasheet
217Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111_15 Datasheet
247Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1108 LINER-LT1108 Datasheet
266Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1110 LINER-LT1110 Datasheet
310Kb / 16P
   Micropower DC-DC Converter Adjustable and Fixed 5V, 12V
LT1173 LINER-LT1173 Datasheet
322Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1108 LINER-LT1108_15 Datasheet
241Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com