Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1205 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1205
Description  150MHz Video Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1205 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1205 Datasheet HTML 2Page - Linear Technology LT1205 Datasheet HTML 3Page - Linear Technology LT1205 Datasheet HTML 4Page - Linear Technology LT1205 Datasheet HTML 5Page - Linear Technology LT1205 Datasheet HTML 6Page - Linear Technology LT1205 Datasheet HTML 7Page - Linear Technology LT1205 Datasheet HTML 8Page - Linear Technology LT1205 Datasheet HTML 9Page - Linear Technology LT1205 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1203/LT1205
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (°C)
–50
5
6
8
25
75
LT1203/05 • TPC12
4
3
–25
0
50
100
125
2
1
7
VS = ±15V
VIN = –2V TO 2V
RL = 400Ω
RL = 1k
Gain Error vs Temperature
INPUT VOLTAGE (V)
–4
0.4
0.6
0.8
4
LT1203/05 • TPC13
0.2
0
– 0.4
–2
0
2
– 0.2
1.2
1.0
–3
–1
1
3
125°C
25°C
–55°C
VS = ±15V
RL =
INPUT VOLTAGE (V)
–5
2
4
3
LT1203/05 • TPC14
0
–2
–4
–3
–1
1
5
1
3
–1
–3
2
–4
–2
0
4
VS = ±15V
TA = 25°C
RL = 1k
Output Voltage vs Input Voltage
Small-Signal Rise Time
RL = 1k
VIN0 to VIN1 Select Time
VIN1 to VIN0 Select Time
Settling Time to 1mV and 10mV
vs Output Step
SETTLING TIME (ns)
0
1.0
2.0
400
LT1203/05 • TPC15
0
–1.0
–2.0
100
200
300
500
0.5
1.5
–0.5
–1.5
10mV
10mV
1mV
1mV
VS = ±15V
RL = 1k
LT1203/05 • TPC16
VS = ±15V
RL = 10k
LT1203/05 • TPC17
LT1203/05 • TPC18
VS = ±15V
RL = 10k
LOGIC
(PIN 5)
VOUT
(PIN 7)
LOGIC
(PIN 5)
VOUT
(PIN 7)
Input Bias Current vs Input Voltage
VINO = 1V
VIN1 = 0V
VINO = 1V
VIN1 = 0V


Similar Part No. - LT1205

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1205 LINER-LT1205 Datasheet
561Kb / 16P
   150MHz Video Multiplexers
LT1205CS LINER-LT1205CS Datasheet
561Kb / 16P
   150MHz Video Multiplexers
More results

Similar Description - LT1205

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1203 LINER-LT1203_15 Datasheet
505Kb / 16P
   150MHz Video Multiplexers
LT1203 LINER-LT1203 Datasheet
561Kb / 16P
   150MHz Video Multiplexers
logo
Maxim Integrated Produc...
MAX310 MAXIM-MAX310 Datasheet
252Kb / 7P
   CMOS RF/Video Multiplexers
logo
Vishay Siliconix
DG535 VISHAY-DG535_08 Datasheet
167Kb / 12P
   16-Channel Wideband Video Multiplexers
Rev. E, 25-Jun-07
DG535 VISHAY-DG535 Datasheet
98Kb / 11P
   16-Channel Wideband Video Multiplexers
Rev. D, 05-Oct-00
DG534A VISHAY-DG534A_V01 Datasheet
152Kb / 17P
   4-/8-Channel Wideband Video Multiplexers
18-Jul-08
DG538A VISHAY-DG538A Datasheet
149Kb / 16P
   4-/8-Channel Wideband Video Multiplexers
Rev. G, 29-Jan-02
logo
Intersil Corporation
ISL54103IHZ-T7A INTERSIL-ISL54103IHZ-T7A Datasheet
267Kb / 8P
   More Reliable HDCP Performance In Video Multiplexers and Cable Extenders
logo
Linear Technology
LT1221 LINER-LT1221 Datasheet
292Kb / 8P
   150MHz Operational Amplifier
logo
DATEL, Inc.
MX-826MM DATEL-MX-826MM Datasheet
109Kb / 1P
   Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com