Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1260 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1260
Description  Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1260 Datasheet(HTML) 2 Page - Linear Technology

  LT1260_15 Datasheet HTML 1Page - Linear Technology LT1260_15 Datasheet HTML 2Page - Linear Technology LT1260_15 Datasheet HTML 3Page - Linear Technology LT1260_15 Datasheet HTML 4Page - Linear Technology LT1260_15 Datasheet HTML 5Page - Linear Technology LT1260_15 Datasheet HTML 6Page - Linear Technology LT1260_15 Datasheet HTML 7Page - Linear Technology LT1260_15 Datasheet HTML 8Page - Linear Technology LT1260_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1259/LT1260
Supply Voltage .....................................................
±18V
Input Current .....................................................
±15mA
Output Short-Circuit Duration (Note 1) ......... Continuous
Specified Temperature Range (Note 2) ....... 0
°C to 70°C
Operating Temperature Range ............... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Junction Temperature (Note 4) ............................ 150
°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
ORDER PART
NUMBER
LT1259CN
LT1259CS
LT1259IN
LT1259IS
LT1260CN
LT1260CS
LT1260IN
LT1260IS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
TA = 25°C2
12
mV
q
16
mV
Input Offset Voltage Drift
q
30
µV/°C
IIN
+
Noninverting Input Current
TA = 25°C
0.5
3
µA
q
6
µA
IIN–
Inverting Input Current
TA = 25°C20
90
µA
q
120
µA
en
Input Noise Voltage Density
f = 1kHz, RF = 1k, RG = 10Ω, RS = 0Ω
3.6
nV/
√Hz
+in
Noninverting Input Noise Current Density
f = 1kHz
1.3
pA/
√Hz
–in
Inverting Input Noise Current Density
f = 1kHz
45
pA/
√Hz
RIN
Input Resistance
VIN = ±13V, VS = ±15V
q
217
M
VIN = ±3V, VS = ±5V
q
225
M
CIN
Input Capacitance
Enabled
2
pF
Disabled
4
pF
COUT
Output Capacitance
Disabled
4.4
pF
VIN
Input Voltage Range
VS = ±15V, TA = 25°C
±13
±13.5
V
q
±12
V
VS = ±5V, TA = 25°C
±3
±3.5
V
q
±2V
0
°C ≤ TA ≤ 70°C, each amplifier VCM = 0V, ±5V ≤ VS ≤ ±15V, EN pins = 0V, pulse tested, unless otherwise noted.
Consult factory for Military grade parts.
TJMAX = 150°C, θJA = 70°C/W (N)
TJMAX = 150°C, θJA = 100°C/W (S)
1
2
3
4
5
6
7
8
TOP VIEW
N PACKAGE
16-LEAD PLASTIC DIP
16
15
14
13
12
11
10
9
–IN R
+IN R
GND
–IN G
+IN G
GND
+IN B
–IN B
EN R
OUT R
V+
EN G
OUT G
V
OUT B
EN B
R
S PACKAGE
16-LEAD PLASTIC SOIC
G
B
TJMAX = 150°C, θJA = 70°C/W (N)
TJMAX = 150°C, θJA = 110°C/W (S)
1
2
3
4
5
6
7
TOP VIEW
S PACKAGE
14-LEAD PLASTIC SOIC
N PACKAGE
14-LEAD PLASTIC DIP
14
13
12
11
10
9
8
–IN A
+IN A
GND
GND
GND
+IN B
–IN B
EN A
OUT A
V+
GND
V
OUT B
EN B
A
B
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS


Similar Part No. - LT1260_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1260CN LINER-LT1260CN Datasheet
319Kb / 12P
   Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
LT1260CS LINER-LT1260CS Datasheet
319Kb / 12P
   Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
LT1260IN LINER-LT1260IN Datasheet
319Kb / 12P
   Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
LT1260IS LINER-LT1260IS Datasheet
319Kb / 12P
   Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
More results

Similar Description - LT1260_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1259 LINER-LT1259_15 Datasheet
335Kb / 12P
   Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
LT1259 LINER-LT1259 Datasheet
319Kb / 12P
   Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
LT1399HV LINER-LT1399HV_15 Datasheet
436Kb / 16P
   Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
LT1398 LINER-LT1398 Datasheet
229Kb / 16P
   Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
LT1398 LINER-LT1398_15 Datasheet
436Kb / 16P
   Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
LT1399 LINER-LT1399_15 Datasheet
436Kb / 16P
   Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
logo
Intersil Corporation
EL2460 INTERSIL-EL2460 Datasheet
294Kb / 15P
   Dual/Quad 130MHz Current Feedback Amplifiers
EL2360 INTERSIL-EL2360 Datasheet
279Kb / 14P
   Triple 130MHz Current Feedback Amplifier
logo
Maxim Integrated Produc...
MAX4223 MAXIM-MAX4223 Datasheet
243Kb / 20P
   1GHz, Low-Power, SOT23, Current-Feedback Amplifiers with Shutdown
Rev 2a; 6/97
logo
Analog Devices
AD8072 AD-AD8072_15 Datasheet
402Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com