Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1581 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1581
Description  10A, Very Low Dropout Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1581 Datasheet(HTML) 5 Page - Linear Technology

  LT1581_15 Datasheet HTML 1Page - Linear Technology LT1581_15 Datasheet HTML 2Page - Linear Technology LT1581_15 Datasheet HTML 3Page - Linear Technology LT1581_15 Datasheet HTML 4Page - Linear Technology LT1581_15 Datasheet HTML 5Page - Linear Technology LT1581_15 Datasheet HTML 6Page - Linear Technology LT1581_15 Datasheet HTML 7Page - Linear Technology LT1581_15 Datasheet HTML 8Page - Linear Technology LT1581_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1581/LT1581-2.5
BLOCK DIAGRA
APPLICATIONS INFORMATION
The LT1581 is a low dropout regulator designed to power
the new generation of microprocessors. Low dropout
regulators have become more common in desktop com-
puter systems as microprocessor manufacturers have
moved away from 5V only CPUs. A wide range of supply
requirements exists today with new voltages just over the
horizon. In many cases the input/output differential is very
small, effectively disqualifying many of the low dropout
regulators on the market today. The LT1581 is designed to
make use of multiple power supplies present in most
systems to reduce the dropout voltage. This 2-supply
approach maximizes efficiency.
The second supply, at least 1V greater than the output
voltage, is used to provide power for the control circuitry
and supply the drive current to the NPN output transistor.
This allows the NPN to be driven into saturation, thereby
reducing the dropout voltage by a VBE compared to
conventional designs. The current requirement for the
+
POWER
CONTROL
SENSE
OUTPUT
1581 BD
FOR FIXED
VOLTAGE
DEVICE
GND
ADJ
control voltage is relatively small, equal to approximately
1% of the output current or about 100mA for a 10A load.
The bulk of this current is drive current for the NPN output
transistor. This drive current becomes part of the output
current.
The control voltage must be at least 1V greater than the
output voltage to obtain optimum performance. The maxi-
mum voltage on the VCONTROL pin is 13V. The maximum
voltage at the VPOWER pin is limited to 7V. GND pin current
for fixed voltage devices is 6mA (typ) and is constant as a
function of load. ADJUST pin current for adjustable de-
vices is 60
µA at 25°C and varies proportional to absolute
temperature.
The LT1581 has improved frequency compensation which
permits the use of capacitors with very low ESR. This is
critical in addressing the needs of modern, low voltage,
high speed microprocessors. Current generation micro-


Similar Part No. - LT1581_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1581-2.5 LINER-LT1581-2.5 Datasheet
264Kb / 12P
   10A, Very Low Dropout Regulators
LT1581-2.5 LINER-LT1581-2.5 Datasheet
241Kb / 12P
   10A, Very Low Dropout Regulators
LT1581-2.5 LINER-LT1581-2.5_15 Datasheet
241Kb / 12P
   10A, Very Low Dropout Regulators
LT1581CT7 LINER-LT1581CT7 Datasheet
264Kb / 12P
   10A, Very Low Dropout Regulators
LT1581CT7-2.5 LINER-LT1581CT7-2.5 Datasheet
264Kb / 12P
   10A, Very Low Dropout Regulators
More results

Similar Description - LT1581_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1581 LINER-LT1581 Datasheet
264Kb / 12P
   10A, Very Low Dropout Regulators
LT1581-2.5 LINER-LT1581-2.5_15 Datasheet
241Kb / 12P
   10A, Very Low Dropout Regulators
logo
Advanced Monolithic Sys...
AMS1510 ADMOS-AMS1510 Datasheet
77Kb / 9P
   10A LOW DROPOUT VOLTAGE REGULATORS
AMS1510 ADMOS-AMS1510_05 Datasheet
90Kb / 9P
   10A LOW DROPOUT VOLTAGE REGULATORS
AMS1082 ADMOS-AMS1082 Datasheet
71Kb / 8P
   10A LOW DROPOUT VOLTAGE REGULATORS
AMS1082 ADMOS-AMS1082_05 Datasheet
88Kb / 8P
   10A LOW DROPOUT VOLTAGE REGULATORS
logo
Microsemi Corporation
LX8610-XX MICROSEMI-LX8610-XX Datasheet
90Kb / 6P
   1A BiCMOS Very Low Dropout Regulators
logo
Advanced Monolithic Sys...
AMS2501 ADMOS-AMS2501_05 Datasheet
66Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
logo
Microsemi Corporation
LX8630-XX MICROSEMI-LX8630-XX Datasheet
135Kb / 9P
   3A BiCMOS Very Low Dropout Regulators
logo
Advanced Monolithic Sys...
AMS2501 ADMOS-AMS2501 Datasheet
63Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com