Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1641-1 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1641-1
Description  Positive High Voltage Hot Swap Controllers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1641-1 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1641-1 Datasheet HTML 4Page - Linear Technology LT1641-1 Datasheet HTML 5Page - Linear Technology LT1641-1 Datasheet HTML 6Page - Linear Technology LT1641-1 Datasheet HTML 7Page - Linear Technology LT1641-1 Datasheet HTML 8Page - Linear Technology LT1641-1 Datasheet HTML 9Page - Linear Technology LT1641-1 Datasheet HTML 10Page - Linear Technology LT1641-1 Datasheet HTML 11Page - Linear Technology LT1641-1 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1641-1/LT1641-2
164112fc
APPLICATIO S I FOR ATIO
Figure 8. Response Time to Overcurrent
12mV
0V
0.5V
VFB
1641-1 F07
47mV
VCC – VSENSE
Figure 7. Current Limit Sense Voltage vs Feedback Pin Voltage
50mV
100mV
150mV
200mV
1641-1 F08
12
µs
10
µs
8
µs
6
µs
4
µs
2
µs
PROPAGATION DELAY
VCC – VSENSE
current source. When the TIMER pin falls below 0.5V, the
GATE pin either turns on automatically (LT1641-2) or once
the ON pin is pulsed low to reset the internal fault latch
(LT1641-1).
The waveform in Figure 9 shows how the output latches off
following a short-circuit. The drop across the sense resis-
tor is held at 12mV as the timer ramps up. Since the output
did not rise bringing FB above 0.5V, the circuit latches off.
For Figure 9, CT = 100nF.
Undervoltage and Overvoltage Detection
The ON pin can be used to detect an undervoltage condi-
tion at the power supply input. The ON pin is internally
connected to an analog comparator with 80mV of hyster-
esis. If the ON pin falls below its threshold voltage (1.233V),
the GATE pin is pulled low and is held low until ON is high
again.
Figure 10 shows an overvoltage detection circuit. When
the input voltage exceeds the Zener diode’s breakdown
voltage, D2 turns on and starts to pull the TIMER pin high.
After the TIMER pin is pulled higher than 1.233V, the fault
latch is set and the GATE pin is pulled to GND immediately,
turning off transistor Q1. The waveforms are shown in
Figure 11. Operation is restored either by interrupting
power or by pulsing ON low.
Power Good Detection
The chip includes a comparator for monitoring the output
voltage. The noninverting input (FB pin) is compared
against an internal 1.233V precision reference and exhib-
its 80mV hysteresis. The comparator’s output (PWRGD
pin) is an open collector capable of operating from a pull-
up as high as 100V.
The PWRGD pin can be used to directly enable/disable a
power module with an active high enable input. Figure 12
shows how to use the PWRGD pin to control an active low
enable input power module. Signal inversion is accom-
plished by transistor Q2 and R7.
Supply Transient Protection
The IC is 100% tested and guaranteed to be safe from
damage with supply voltages up to 100V. However, spikes
above 100V may damage the part. During a short-circuit
condition, the large change in currents flowing through
the power supply traces can cause inductive voltage
spikes which could exceed 100V. To minimize the spikes,
the power trace parasitic inductance should be minimized
by using wider traces or heavier trace plating and a 0.1
µF
bypass capacitor placed between VCC and GND. A surge
suppressor at the input can also prevent damage from
voltage surges.


Similar Part No. - LT1641-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1641-1 LINER-LT1641-1 Datasheet
179Kb / 12P
   Positive High Voltage Hot Swap Controllers
LT1641-1 LINER-LT1641-1 Datasheet
322Kb / 40P
   Hot Swap Controller
LT1641-1 LINER-LT1641-1 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
LT1641-1 LINER-LT1641-1 Datasheet
310Kb / 34P
   ??8V Hot Swap Controllers
logo
Linear Integrated Syste...
LT1641-1 LINEAR-LT1641-1 Datasheet
241Kb / 26P
   Surge Stopper
More results

Similar Description - LT1641-1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5933A MAXIM-MAX5933A Datasheet
269Kb / 15P
   Positive High-Voltage, Hot-Swap Controllers
Rev 1; 7/04
logo
Linear Technology
LT4256-2 LINER-LT4256-2_15 Datasheet
219Kb / 16P
   Positive High Voltage Hot Swap Controllers
LT1641-1 LINER-LT1641-1 Datasheet
179Kb / 12P
   Positive High Voltage Hot Swap Controllers
LT4256-1 LINER-LT4256-1_15 Datasheet
219Kb / 16P
   Positive High Voltage Hot Swap Controllers
LT1641-2 LINER-LT1641-2_15 Datasheet
185Kb / 12P
   Positive High Voltage Hot Swap Controllers
LT4256-1 LINER-LT4256-1 Datasheet
271Kb / 16P
   Positive High Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_12 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252B-2 LINER-LTC4252B-2_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com