Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LS244 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74LS244
Description  Octal Buffers / Line Drivers / Line Receivers (non inverted three-state outputs)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS244 Datasheet(HTML) 7 Page - Renesas Technology Corp

  HD74LS244_15 Datasheet HTML 1Page - Renesas Technology Corp HD74LS244_15 Datasheet HTML 2Page - Renesas Technology Corp HD74LS244_15 Datasheet HTML 3Page - Renesas Technology Corp HD74LS244_15 Datasheet HTML 4Page - Renesas Technology Corp HD74LS244_15 Datasheet HTML 5Page - Renesas Technology Corp HD74LS244_15 Datasheet HTML 6Page - Renesas Technology Corp HD74LS244_15 Datasheet HTML 7Page - Renesas Technology Corp HD74LS244_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
HD74LS244
Rev.2.00, Feb.18.2005, page 5 of 5
0.935
0.15
1.27
10.00
10.65
0.40
0.34
p
A 1
13.2
FP-20DBV
RENESAS Code
JEITA Package Code
Previous Code
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
2.65
1.27
0.70
0.40
7.50
0.30
0.20
0.10
0.46
0.30
0.25
0.20
10.40
8
°
0
°
0.12
1.45
12.80
0.52g
MASS[Typ.]
1
E
1
1
2
L
Z
H
y
x
θ
c
b
A
E
D
b
c
e
e
L
A
P-SOP20-7.5x12.8-1.27
PRSP0020DC-A
11
20
10
F
*1
*3
p
M
x
y
1
Index mark
D
Z
b
Terminal cross section
( Ni/Pd/Au plating )
p
b
1
Detail F
L
L
θ
NOTE)
1. DIMENSIONS"*1 (Nom)"AND"*2"
@ DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"*3"DOES NOT
@ INCLUDE TRIM OFFSET.


Similar Part No. - HD74LS244_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LS244FPEL RENESAS-HD74LS244FPEL Datasheet
73Kb / 6P
   Octal Buffers / Line Drivers / Line Receivers (non inverted three-state outputs)
HD74LS244P RENESAS-HD74LS244P Datasheet
73Kb / 6P
   Octal Buffers / Line Drivers / Line Receivers (non inverted three-state outputs)
HD74LS244RPEL RENESAS-HD74LS244RPEL Datasheet
73Kb / 6P
   Octal Buffers / Line Drivers / Line Receivers (non inverted three-state outputs)
More results

Similar Description - HD74LS244_15

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS244 HITACHI-HD74LS244 Datasheet
53Kb / 5P
   Octal Buffers/Line Drivers/Line Receivers(non inverted three-state outputs)
logo
Renesas Technology Corp
HD74LS241 RENESAS-HD74LS241 Datasheet
152Kb / 5P
   Octal Buffers / Line Drivers / Line Receivers (non inverted three-state outputs)
HD74LS244 RENESAS-HD74LS244 Datasheet
73Kb / 6P
   Octal Buffers / Line Drivers / Line Receivers (non inverted three-state outputs)
HD74LS240 RENESAS-HD74LS240 Datasheet
74Kb / 6P
   Octal Buffers / Line Drivers / Line Receivers (inverted three-state outputs)
logo
Hitachi Semiconductor
HD74LS240 HITACHI-HD74LS240 Datasheet
53Kb / 5P
   Octal Buffers/Line Drivers/Line Receivers(inverted three-state outputs)
logo
Aeroflex Circuit Techno...
UT54ACS240 AEROFLEX-UT54ACS240 Datasheet
234Kb / 10P
   Octal Buffers & Line Drivers, Inverted Three-State Outputs
UT54ACS540 AEROFLEX-UT54ACS540 Datasheet
234Kb / 10P
   Octal Buffers & Line Drivers, Inverted Three-State Outputs
logo
Hitachi Semiconductor
HD74HCT240 HITACHI-HD74HCT240 Datasheet
59Kb / 9P
   Octal Buffers/Line Drivers/Line Receivers(with inverted 3-state outputs)
logo
Renesas Technology Corp
HD74HCT240 RENESAS-HD74HCT240 Datasheet
106Kb / 7P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC240 HITACHI-HD74HC240 Datasheet
61Kb / 10P
   Octal Buffers/Line Drivers/Line Receivers(with inverted 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com