Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LS373FPEL Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74LS373FPEL
Description  Octal D-type Transparent Latches (with three-state outputs)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS373FPEL Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74LS373FPEL Datasheet HTML 1Page - Renesas Technology Corp HD74LS373FPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LS373FPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LS373FPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LS373FPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LS373FPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LS373FPEL Datasheet HTML 7Page - Renesas Technology Corp HD74LS373FPEL Datasheet HTML 8Page - Renesas Technology Corp HD74LS373FPEL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HD74LS373
Rev.2.00, Feb.18.2005, page 3 of 7
Electrical Characteristics
(Ta = –20 to +75 °C)
Item
Symbol
min.
typ.*
max.
Unit
Condition
VIH
2.0
V
0.7
Data inputs
Input voltage
VIL
0.8
V
G, Output control inputs
VOH
2.4
V
VCC = 4.75 V, VIH = 2 V, VIL = VIL max
IOH = –2.6 mA
0.4
IOL = 12 mA
Output voltage
VOL
0.5
V
IOL = 24 mA
VCC = 4.75 V,
VIH = 2 V, VIL = VIL max
IOZH
20
VO = 2.7 V
Output current
IOZL
–20
µA
VO = 0.4 V
VCC = 5.25 V,
VIH = 2 V
IIH
20
µA
VCC = 5.25 V, VI = 2.7 V
IIL
–0.4
mA
VCC = 5.25 V, VI = 0.4 V
Input current
II
0.1
mA
VCC = 5.25 V, VI = 7 V
Short-circuit output current
IOS
–30
–130
mA
VCC = 5.25 V
Supply current
ICC
24
40
mA
VCC = 5.25 V,
VI = 4.5 V (Output control)
Input clamp voltage
VIK
–1.5
V
VCC = 4.75 V, IIN = –18 mA
Note:
* VCC = 5 V, Ta = 25°C
Switching Characteristics
(VCC = 5 V, Ta = 25°C)
Item
Symbol
Input
Output
min.
typ.
max.
Unit
Condition
tPLH
12
18
tPHL
D
Q
12
18
tPLH
20
30
Propagation delay time
tPHL
G
Q
18
30
tZH
15
28
Output enable time
tZL
OC
Q
25
36
CL = 45 pF,
RL = 667
tHZ
12
20
Output disable time
tLZ
OC
Q
15
25
ns
CL = 5 pF,
RL = 667


Similar Part No. - HD74LS373FPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LS373FPEL RENESAS-HD74LS373FPEL Datasheet
96Kb / 8P
   Octal D-type Transparent Latches (with three-state outputs)
More results

Similar Description - HD74LS373FPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS373 HITACHI-HD74LS373 Datasheet
89Kb / 7P
   Octal D-type Transparent Latches(with three-state outputs)
logo
Renesas Technology Corp
HD74LS373 RENESAS-HD74LS373 Datasheet
96Kb / 8P
   Octal D-type Transparent Latches (with three-state outputs)
logo
Aeroflex Circuit Techno...
UT54ACS373 AEROFLEX-UT54ACS373 Datasheet
237Kb / 10P
   Octal Transparent Latches with Three-State Outputs
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com