Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1723 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1723
Description  Single, Dual, Quad 200MHz Low Noise Precision Op Amps
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1723 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1723_15 Datasheet HTML 6Page - Linear Technology LT1723_15 Datasheet HTML 7Page - Linear Technology LT1723_15 Datasheet HTML 8Page - Linear Technology LT1723_15 Datasheet HTML 9Page - Linear Technology LT1723_15 Datasheet HTML 10Page - Linear Technology LT1723_15 Datasheet HTML 11Page - Linear Technology LT1723_15 Datasheet HTML 12Page - Linear Technology LT1723_15 Datasheet HTML 13Page - Linear Technology LT1723_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LT1722/LT1723/LT1724
10
172234fb
TYPICAL PERFORMANCE CHARACTERISTICS
Channel Separation vs Frequency
Power Supply Rejection Ratio
vs Frequency
Common Mode Rejection Ratio
vs Frequency
Slew Rate vs Temperature
Phase Margin vs Supply Voltage
Gain Bandwidth
vs Supply Voltage
Gain vs Frequency, AV = 1
Gain vs Frequency, AV = 1
Gain vs Frequency, AV = –1
FREQUENCY (MHz)
1
–1
1
3
5
7
10
100
1723 G19
0
2
4
6
8
9
TA = 25°C
AV = 1
RF = 0Ω
NO RL
±5V
5V
CL = 100pF
CL = 50pF
CL = 0pF
FREQUENCY (MHz)
1
–1
1
3
5
7
10
100
1723 G20
0
2
4
6
8
9
TA = 25°C
AV = 1
NO RL
NO CL
±5V
5V
RF = 500Ω
RF = 1k
RF = 0Ω
FREQUENCY (MHz)
1
–1
1
3
5
7
10
100
1723 G21
0
2
4
6
8
9
TA = 25°C
AV = –1
RF = RG = 500Ω
NO RL
±5V
5V
CL = 100pF
CL = 50pF
CL = 0pF
FREQUENCY (MHz)
0.1
–50
–30
–10
1
10
100
1723 G22
–70
–60
–40
–20
–80
–90
TA = 25°C
VO = 6VP-P
RL = 150Ω
FREQUENCY (MHz)
40
100
30
20
90
60
80
70
50
0.01
1
10
100
1723 G23
10
0
0.1
TA = 25°C
VS = ±5V
AV = 1
–PSRR
+PSRR
FREQUENCY (MHz)
40
100
110
30
20
90
60
80
70
50
0.01
1
10
100
1723 G24
10
0.1
TA = 25°C
VS = ±5V
TEMPERATURE (°C)
–50
90
25
1723 G40
60
40
–25
0
50
30
20
100
80
70
50
75
100
125
TA = 25°C
AV = –1
RG = RF = 500Ω
VS = ±5V, SR
+
VS = ±5V, SR
VS = ±2.5V, SR
VS = ±2.5V, SR
+
SUPPLY VOLTAGE (±V)
2.5
35
40
50
55
60
4.5
80
1723 G41
45
3.5
3
5
5.5
46
65
70
75
TA = 25°C
AV = –1
VIN = –20dBm
RG = RF = 500Ω
RL = 500Ω
CL = 5pF
CL = 25pF
CL = 55pF
RL = 500Ω
RL = 500Ω
RL = 150Ω
RL = 150Ω
RL = 150Ω
SUPPLY VOLTAGE (±V)
2.5
215
4
1723 G42
200
190
3
3.5
4.5
185
180
220
210
205
195
5
5.5
6
TA = 25°C
AV = –1
VIN = –20dBm
RG = RF = 500Ω
CL = 25pF
CL = 25pF
RL = 150Ω
RL = 500Ω
CL = 5pF
CL = 5pF
CL = 55pF
CL = 55pF


Similar Part No. - LT1723_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1723CMS8 LINER-LT1723CMS8 Datasheet
326Kb / 16P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1723CS8 LINER-LT1723CS8 Datasheet
326Kb / 16P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1723IMS8 LINER-LT1723IMS8 Datasheet
326Kb / 16P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1723IS8 LINER-LT1723IS8 Datasheet
326Kb / 16P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
More results

Similar Description - LT1723_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1722 LINER-LT1722 Datasheet
326Kb / 16P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1724 LINER-LT1724_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1722 LINER-LT1722_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
logo
Maxim Integrated Produc...
MAX44241 MAXIM-MAX44241_V01 Datasheet
875Kb / 13P
   36V, Low-Noise, Precision, Single/Quad/Dual Op Amps
2015
MAX410 MAXIM-MAX410_08 Datasheet
325Kb / 16P
   Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
Rev 5; 10/08
MAX410 MAXIM-MAX410 Datasheet
461Kb / 12P
   Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
19-4194; Rev 2; 11/96
logo
Linear Technology
LT1124 LINER-LT1124 Datasheet
227Kb / 16P
   Dual/Quad Low Noise, High Speed Precision Op Amps
LT1124 LINER-LT1124_15 Datasheet
379Kb / 20P
   Dual/Quad Low Noise, High Speed Precision Op Amps
LT1125 LINER-LT1125_15 Datasheet
379Kb / 20P
   Dual/Quad Low Noise, High Speed Precision Op Amps
logo
Linear Dimensions Semic...
LT1125CSW LINEAR_DIMENSIONS-LT1125CSW Datasheet
208Kb / 18P
   Dual/Quad Low Noise, High Speed Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com