Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1818 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1818
Description  400MHz, 2500V/s, 9mA Single/Dual Operational Amplifi ers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1818 Datasheet(HTML) 5 Page - Linear Technology

  LT1818_15 Datasheet HTML 1Page - Linear Technology LT1818_15 Datasheet HTML 2Page - Linear Technology LT1818_15 Datasheet HTML 3Page - Linear Technology LT1818_15 Datasheet HTML 4Page - Linear Technology LT1818_15 Datasheet HTML 5Page - Linear Technology LT1818_15 Datasheet HTML 6Page - Linear Technology LT1818_15 Datasheet HTML 7Page - Linear Technology LT1818_15 Datasheet HTML 8Page - Linear Technology LT1818_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LT1818/LT1819
5
18189fb
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 9) VS = 5V, 0V; VCM = 2.5V, RL to 2.5V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AVOL
Large-Signal Voltage Gain
VOUT = 1.5V to 3.5V, RL = 500Ω
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
1.0
0.7
0.6
2
V/mV
V/mV
V/mV
VOUT = 1.5V to 3.5V, RL = 100Ω
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
0.7
0.5
0.4
4
V/mV
V/mV
V/mV
Channel Separation
VOUT = 1.5V to 3.5V, LT1819
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
81
80
79
100
dB
dB
dB
VOUT
Output Swing (Positive)
RL = 500Ω, 30mV Overdrive
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
3.9
3.8
3.7
4.2
V
V
V
RL = 100Ω, 30mV Overdrive
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
3.7
3.6
3.5
4V
V
V
Output Swing (Negative)
RL = 500Ω, 30mV Overdrive
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
0.8
1.1
1.2
1.3
V
V
V
RL = 100Ω, 30mV Overdrive
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
1
1.3
1.4
1.5
V
V
V
IOUT
Output Current
VOUT = 1.5V or 3.5V, 30mV Overdrive
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
±30
±25
±20
±50
mA
mA
mA
ISC
Output Short-Circuit Current
VOUT = 2.5V, 1V Overdrive (Note 3)
TA = 0°C to 70°C
TA = –40°C to 85°C
±80
±70
±50
±140
mA
mA
mA
SR
Slew Rate
AV = 1
1000
V/μs
AV = –1 (Note 5)
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
450
375
300
800
V/μs
V/μs
V/μs
FPBW
Full-Power Bandwidth
2VP-P (Note 6)
125
MHz
GBW
Gain-Bandwidth Product
f = 4MHz, RL = 500Ω
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
240
230
220
360
MHz
MHz
MHz
tr, tf
Rise Time, Fall Time
AV = 1, 10% to 90%, 0.1V Step
0.7
ns
tPD
Propagation Delay
AV = 1, 50% to 50%, 0.1V Step
1.1
ns
OS
Overshoot
AV = 1, 0.1V, RL = 100Ω
20
%
HD
Harmonic Distortion
HD2, AV = 2, f = 5MHz, VOUT = 2VP-P, RL = 500Ω
HD3, AV = 2, f = 5MHz, VOUT = 2VP-P, RL = 500Ω
–72
–74
dBc
dBc
dG
Differential Gain
AV = 2, RL = 150Ω
0.07
%
dP
Differential Phase
AV = 2, RL = 150Ω
0.07
DEG
IS
Supply Current
Per Amplifier
TA = 0°C to 70°C
TA = –40°C to 85°C
l
l
8.5
10
13
14
mA
mA
mA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Differential inputs of ±6V are appropriate for transient operation
only, such as during slewing. Large sustained differential inputs can cause
excessive power dissipation and may damage the part.
Note 3: A heat sink may be required to keep the junction temperature
below absolute maximum when the output is shorted indefinitely.
Note 4: Input offset voltage is pulse tested and is exclusive of warm-up
drift.
ELECTRICAL CHARACTERISTICS


Similar Part No. - LT1818_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1818 LINER-LT1818 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT1818 LINER-LT1818 Datasheet
1Mb / 32P
   Octal, 12-Bit Sign, 1.5Msps/Ch Simultaneous Sampling ADC
LT1818 LINER-LT1818 Datasheet
364Kb / 18P
   250mA/60MHz Current Feedback Amplifier Adjustable Supply Current
LT1818 LINER-LT1818 Datasheet
2Mb / 26P
   Dual, 16-Bit, 2Msps Differential Input ADC with Wide Input Common Mode Range
LT1818 LINER-LT1818 Datasheet
984Kb / 20P
   14-Bit, 4.5Msps Serial Sampling ADC in TSOT
More results

Similar Description - LT1818_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1819 LINER-LT1819_15 Datasheet
1Mb / 18P
   400MHz, 2500V/s, 9mA Single/Dual Operational Amplifiers
LTC2054 LINER-LTC2054_15 Datasheet
213Kb / 16P
   Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC2055 LINER-LTC2055_15 Datasheet
213Kb / 16P
   Single/Dual Micropower Zero-Drift Operational Amplifi ers
logo
DATEL, Inc.
AM-500 DATEL-AM-500 Datasheet
129Kb / 4P
   Ultra-Fast Operational Amplifi ers
AM-1435 DATEL-AM-1435 Datasheet
131Kb / 4P
   Ultra-Fast, Wideband Operational Amplifi ers
logo
MRV Communications, Inc...
EM316EDFA-BR MRV-EM316EDFA-BR Datasheet
618Kb / 3P
   Optical Amplifi ers
logo
Linear Technology
LTC2050 LINER-LTC2050_1 Datasheet
175Kb / 16P
   Zero-Drift Operational Amplifi ers in SOT-23
RH1814 LINER-RH1814_15 Datasheet
130Kb / 2P
   Dual 3mA, 100MHz, 750V/s Operational Amplifi er
LTC6420-20 LINER-LTC6420-20_15 Datasheet
227Kb / 14P
   Dual Matched 1.8GHz Differential Amplifi ers/ADC Drivers
LTC6421-20 LINER-LTC6421-20_15 Datasheet
251Kb / 16P
   Dual Matched 1.3GHz Differential Amplifi ers/ADC Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com