Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV157AFPEL Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74LV157AFPEL
Description  Quad. 2-to-1 line Data Selectors / Multiplexers (Noninverted Outputs)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV157AFPEL Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD74LV157AFPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LV157AFPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LV157AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LV157AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LV157AFPEL Datasheet HTML 7Page - Renesas Technology Corp HD74LV157AFPEL Datasheet HTML 8Page - Renesas Technology Corp HD74LV157AFPEL Datasheet HTML 9Page - Renesas Technology Corp HD74LV157AFPEL Datasheet HTML 10Page - Renesas Technology Corp HD74LV157AFPEL Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
HD74LV157A
Rev.2.00 Jun. 03, 2004 page 5 of 8
Switching Characteristics
VCC = 2.5 ± 0.2 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
9.8
15.9
1.0
19.5
CL = 15 pF
13.3
18.8
1.0
22.0
CL = 50 pF
A or B
15.5
19.4
1.0
23.5
CL = 15 pF
15.7
22.3
1.0
26.0
CL = 50 pF
SEL
15.8
19.8
1.0
24.0
CL = 15 pF
Propagation
delay time
tPLH/tPHL
14.8
22.7
1.0
26.5
ns
CL = 50 pF
STB
Y
VCC = 3.3 ± 0.3 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
6.2
9.7
1.0
11.5
CL = 15 pF
8.7
13.2
1.0
15.0
CL = 50 pF
A or B
8.4
13.2
1.0
15.5
CL = 15 pF
10.9
16.7
1.0
19.0
CL = 50 pF
SEL
8.7
13.6
1.0
16.0
CL = 15 pF
Propagation
delay time
tPLH/tPHL
11.2
17.1
1.0
19.5
ns
CL = 50 pF
STB
Y
VCC = 5.0 ± 0.5 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
4.1
6.4
1.0
7.5
CL = 15 pF
5.6
8.4
1.0
9.5
CL = 50 pF
A or B
5.3
8.1
1.0
9.5
CL = 15 pF
6.8
10.1
1.0
11.5
CL = 50 pF
SEL
5.6
8.6
1.0
10.0
CL = 15 pF
Propagation
delay time
tPLH/tPHL
7.1
10.6
1.0
12.0
ns
CL = 50 pF
STB
Y
Operating Characteristics
CL = 50 pF
Ta = 25°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test Conditions
3.3
10.0
Power dissipation capacitance
CPD
5.0
12.0
pF
f = 10 MHz


Similar Part No. - HD74LV157AFPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV157AFPEL RENESAS-HD74LV157AFPEL Datasheet
77Kb / 9P
   Quad. 2-to-1 line Data Selectors / Multiplexers (Noninverted Outputs)
More results

Similar Description - HD74LV157AFPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV157A RENESAS-HD74LV157A Datasheet
77Kb / 9P
   Quad. 2-to-1 line Data Selectors / Multiplexers (Noninverted Outputs)
logo
Hitachi Semiconductor
HD74LV157A HITACHI-HD74LV157A Datasheet
62Kb / 14P
   Quad. 2-to-1 line Data Selectors / Multiplexers(Noninverted Outputs)
logo
Renesas Technology Corp
HD74HC157 RENESAS-HD74HC157 Datasheet
73Kb / 10P
   Quad. 2-to-1-line Data Selectors/Multiplexers (with noninverted outputs)
logo
Hitachi Semiconductor
HD74LS157 HITACHI-HD74LS157 Datasheet
59Kb / 6P
   Quadruple 2-line-to-1-line Data Selectors/Multiplexers(noninverted outputs)
logo
Renesas Technology Corp
HD74LS157 RENESAS-HD74LS157 Datasheet
73Kb / 7P
   Quadruple 2-line-to-1-line Data Selectors / Multiplexers (noninverted outputs)
HD74HC257 RENESAS-HD74HC257 Datasheet
106Kb / 8P
   Quad. 2-to-1-line Data Selectors/Multiplexers(with noninverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC257 HITACHI-HD74HC257 Datasheet
52Kb / 9P
   Quad. 2-to-1-line Data Selectors/Multiplexers(with noninverted 3-state outputs)
logo
National Semiconductor ...
54157 NSC-54157 Datasheet
118Kb / 6P
   Quad 2-Line to 1-Line Data Selectors/Multiplexers
54LS157 NSC-54LS157 Datasheet
160Kb / 8P
   Quad 2-Line to 1-Line Data Selectors/Multiplexers
logo
Fairchild Semiconductor
DM74LS157 FAIRCHILD-DM74LS157 Datasheet
79Kb / 7P
   Quad 2-Line to 1-Line Data Selectors/Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com