Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2526 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2526
Description  STMAV340 has 4 channels and a 2 to 1 video switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2526 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2526 Datasheet HTML 1Page - STMicroelectronics AN2526 Datasheet HTML 2Page - STMicroelectronics AN2526 Datasheet HTML 3Page - STMicroelectronics AN2526 Datasheet HTML 4Page - STMicroelectronics AN2526 Datasheet HTML 5Page - STMicroelectronics AN2526 Datasheet HTML 6Page - STMicroelectronics AN2526 Datasheet HTML 7Page - STMicroelectronics AN2526 Datasheet HTML 8Page - STMicroelectronics AN2526 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AN2526
Evaluation board
5/10
Figure 1.
STMAV340 Evaluation board schematic
Table 4.
Bill of materials (BOM)
No
Component
Designator
Package
Manufacturer
1
STMAV340
U1
TSSOP16
STMicroelectronics
2
STG719STR
U2, U3
SOT23-6L
STMicroelectronics
3
VGA FEMALE CON
VGA1, VGA2, VGA_OUT
4
RCA CON
CVBS1, CVBS2, CVBS_OUT
5
LD1117V50
U5
TO-220
STMicroelectronics
6
DF04M RECTIFIER
U4
DFM
GENERAL SEMI
7
DC JACK
DC JACK
8
POWER SOCKET
VCC5V, GND
9
FERRITE BEAD
L1, L2
1206
10
100 nF Cap
C2,C3, C5
0603
11
10 µF Electrolytic Cap
C1, C4
Cap7.62 mm


Similar Part No. - AN2526

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN2526NFH PANASONIC-AN2526NFH Datasheet
442Kb / 35P
   Automotive LCD TV signal processor IC
More results

Similar Description - AN2526

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2472 STMICROELECTRONICS-AN2472 Datasheet
143Kb / 11P
   STMAV340 analog video switch
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330_08 Datasheet
470Kb / 9P
   4-Channel, 2:1 Video Switch
logo
ON Semiconductor
FSAV330 ONSEMI-FSAV330 Datasheet
617Kb / 11P
   4-Channel, 2:1 Video Switch
September 2010 Rev. 1.0.4
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330_10 Datasheet
584Kb / 9P
   4-Channel, 2:1 Video Switch
logo
STMicroelectronics
TEA5115 STMICROELECTRONICS-TEA5115 Datasheet
118Kb / 10P
   5 CHANNELS VIDEO SWITCH
logo
National Semiconductor ...
LMH1251 NSC-LMH1251 Datasheet
614Kb / 10P
   YPBPR to RGB Decoder and 2:1 Video Switch
logo
Texas Instruments
LMH1251MTX TI-LMH1251MTX Datasheet
730Kb / 19P
[Old version datasheet]   YPBPR to RGBHV Converter and 2:1 Video Switch
logo
STMicroelectronics
TEA5116 STMICROELECTRONICS-TEA5116 Datasheet
81Kb / 8P
   5 CHANNELS VIDEO SWITCH
logo
Fairchild Semiconductor
FSAV450 FAIRCHILD-FSAV450_11 Datasheet
998Kb / 9P
   800MHz, 4-Channel, 2:1 Video Switch
FSAV450QSCX FAIRCHILD-FSAV450QSCX Datasheet
535Kb / 12P
   800MHz 4 Channel 2:1 Video Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com