Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTC3210 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTC3210
Description  EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC3210 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTC3210 Datasheet HTML 1Page - KEC(Korea Electronics) KTC3210 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1999. 9. 10
1/2
SEMICONDUCTOR
TECHNICAL DATA
KTC3210
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 0
HIGH CURRENT APPLICATION.
FEATURES
Complementary to KTA1282.
MAXIMUM RATING (Ta=25 )
TO-92
DIM
MILLIMETERS
A
B
C
D
F
G
H
J
K
L
4.70 MAX
4.80 MAX
3.70 MAX
0.45
1.00
1.27
0.85
0.45
14.00 0.50
0.55 MAX
2.30
D
1
2
3
B
K
G
H
F
F
E
C
E
N
0.45 MAX
M
1.00
N
1. EMITTER
2. COLLECTOR
3. BASE
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
Note : hFE Classification 0:100 200,
Y:160 320
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCEO
30
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
2
A
Emitter Current
IE
-2
A
Collector Power Dissipation
PC
625
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=30V, IE=0
-
-
100
nA
Emitter Cut-off Current
IEBO
VEB=5V, IC=0
-
-
100
nA
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=10mA, IB=0
30
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IC=1mA, IC=0
5
-
-
V
DC Current Gain
hFE (Note)
VCE=2V, IC=500mA
100
-
320
Collector-Emitter Saturation Voltage
VCE(sat)
IC=1.5A, IB=0.03A
-
-
2.0
V
Base-Emitter Voltage
VBE
VCE=2V, IC=500mA
-
-
1.0
V
Transition Frequency
fT
VCE=2V, IC=500mA
-
120
-
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
13
-
pF


Similar Part No. - KTC3210

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3211 KEC-KTC3211 Datasheet
69Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT)
KTC3217 KEC-KTC3217 Datasheet
283Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR (HIGH VOLTAGE SWITCHING, COLOR TV HORIZONTAL DIRVER, COLOR TV CHROMA OUTPUT)
More results

Similar Description - KTC3210

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTD1003 KEC-KTD1003 Datasheet
291Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT)
KTC3204 KEC-KTC3204 Datasheet
115Kb / 1P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT)
KTC3205 KEC-KTC3205 Datasheet
325Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT)
KTC3211 KEC-KTC3211 Datasheet
69Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT)
KTC4376 KEC-KTC4376 Datasheet
279Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT)
KTC8050 KEC-KTC8050 Datasheet
272Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT)
KTD1028 KEC-KTD1028 Datasheet
275Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT)
MPS8050 KEC-MPS8050 Datasheet
69Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT)
KTC3203 KEC-KTC3203 Datasheet
277Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT)
KTC4375 KEC-KTC4375 Datasheet
335Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com