Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1819 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1819
Description  400MHz, 2500V/s, 9mA Single/Dual Operational Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1819 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1819 Datasheet HTML 2Page - Linear Technology LT1819 Datasheet HTML 3Page - Linear Technology LT1819 Datasheet HTML 4Page - Linear Technology LT1819 Datasheet HTML 5Page - Linear Technology LT1819 Datasheet HTML 6Page - Linear Technology LT1819 Datasheet HTML 7Page - Linear Technology LT1819 Datasheet HTML 8Page - Linear Technology LT1819 Datasheet HTML 9Page - Linear Technology LT1819 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LT1818/LT1819
6
18189fb
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs Temperature
Input Common Mode Range
vs Supply Current
Input Bias Current vs Common
Mode Voltage
Input Bias Current vs Temperature
Input Noise Spectral Density
Open-Loop Gain vs Resistive Load
ELECTRICAL CHARACTERISTICS
Note 5: With ±5V supplies, slew rate is tested in a closed-loop gain of –1
by measuring the rise time of the output from –2V to 2V with an output
step from –3V to 3V. With single 5V supplies, slew rate is tested in a
closed-loop gain of –1 by measuring the rise time of the output from 1.5V
to 3.5V with an output step from 1V to 4V. Falling edge slew rate is not
production tested, but is designed, characterized and expected to be within
10% of the rising edge slew rate.
Note 6: Full-power bandwidth is calculated from the slew rate:
FPBW = SR/2πVP
Note 7: This parameter is not 100% tested.
Note 8: The LT1818C/LT1818I and LT1819C/LT1819I are guaranteed
functional over the operating temperature range of –40°C to 85°C.
Note 9: The LT1818C/LT1819C are guaranteed to meet specified
performance from 0°C to 70°C and is designed, characterized and
expected to meet the extended temperature limits, but is not tested
at –40°C and 85°C. The LT1818I/LT1819I are guaranteed to meet the
extended temperature limits.
Note 10: Thermal resistance (θJA) varies with the amount of PC board
metal connected to the package. The specified values are for short
traces connected to the leads. If desired, the thermal resistance can be
significantly reduced by connecting the Vpin to a large metal area.
TEMPERATURE (°C)
–50
–25
0
4
12
10
0
50
75
18189 G01
2
8
6
25
100
125
VS = ±5V
VS = ±2.5V
PER AMPLIFIER
SUPPLY VOLTAGE (±V)
0
V
1.0
1.5
2.0
V+
–2.0
–1.5
2
4
5
18189 G02
0.5
–1.0
–0.5
1
3
6
7
TA = 25°C
VOS < 1mV
INPUT COMMON MODE VOLTAGE (V)
–5
TA = 25°C
VS = ±5V
5
18189 G03
–2.5
0
2.5
2
0
–2
–4
–6
–8
TEMPERATURE (°C)
–50
–1.2
–0.8
0
25
75
18189 G04
–1.6
–2.0
–25
0
50
100
125
–2.4
–2.8
–0.4
VS = ±5V
VS = ±2.5V
VCM = 0V
FREQUENCY (Hz)
10
100
1
10
in
100
0.1
1
10
1k
10k
100k
18189 G05
TA = 25°C
VS = ±5V
AV = 101
RS = 10k
en
LOAD RESISTANCE (Ω)
100
80
77
74
71
68
65
62
1k
10k
18189 G06
TA = 25°C
VS = ±5V
VS = ±2.5V


Similar Part No. - LT1819

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1819 LINER-LT1819 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT1819 LINER-LT1819 Datasheet
1Mb / 26P
   Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LT1819 LINER-LT1819 Datasheet
984Kb / 20P
   14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LT1819 LINER-LT1819 Datasheet
1Mb / 30P
   Quad, 16-Bit, 5Msps/Ch Simultaneous Sampling ADC
LT1819 LINER-LT1819 Datasheet
911Kb / 20P
   12-Bit, 5Msps Serial Sampling ADC in TSOT
More results

Similar Description - LT1819

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1818 LINER-LT1818_15 Datasheet
1Mb / 18P
   400MHz, 2500V/s, 9mA Single/Dual Operational Amplifi ers
LT1818 LINER-LT1818 Datasheet
380Kb / 16P
   Single/Dual Operational Amplifiers
logo
ON Semiconductor
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
   Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM2904DG ONSEMI-LM2904DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM358DG ONSEMI-LM358DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM258 ONSEMI-LM258_V01 Datasheet
376Kb / 16P
   Single Supply Dual Operational Amplifiers
August, 2021 - Rev. 34
logo
Taiwan Semiconductor Co...
TS358 TSC-TS358_09 Datasheet
763Kb / 8P
   Single Supply Dual Operational Amplifiers
logo
Guangdong Kexin Industr...
KM358 KEXIN-KM358 Datasheet
398Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM358S ONSEMI-LM358S Datasheet
101Kb / 9P
   Single Supply Dual Operational Amplifiers
October, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com