Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV540ARPEL Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HD74LV540ARPEL
Description  Octal Inverted Buffers / Drivers with 3-state Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV540ARPEL Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HD74LV540ARPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LV540ARPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LV540ARPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LV540ARPEL Datasheet HTML 7Page - Renesas Technology Corp HD74LV540ARPEL Datasheet HTML 8Page - Renesas Technology Corp HD74LV540ARPEL Datasheet HTML 9Page - Renesas Technology Corp HD74LV540ARPEL Datasheet HTML 10Page - Renesas Technology Corp HD74LV540ARPEL Datasheet HTML 11Page - Renesas Technology Corp HD74LV540ARPEL Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
HD74LV540A
Rev.2.00 Jun. 28, 2004 page 8 of 9
Package Dimensions
Package Code
JEDEC
JEITA
Mass (reference value)
FP–20DAV
Conforms
0.31 g
*Pd plating
*0.40 ± 0.06
0.12
0.15
M
20
10
1
0.80 Max
11
12.6
13 Max
0˚ – 8˚
0.70 ± 0.20
+ 0.20
– 0.30
7.80
1.27
1.15
As of January, 2002
Unit: mm
Package Code
JEDEC
JEITA
Mass (reference value)
FP-20DBV
Conforms
0.52 g
*Ni/Pd/Au plating
0.12
0.15
0˚ – 8˚
M
20
11
1
1.27
10
12.8
13.2 Max
*0.40 ± 0.06
+ 0.57
– 0.30
0.70
+ 0.25
– 0.40
10.40
1.45
0.935 Max
As of January, 2003
Unit: mm


Similar Part No. - HD74LV540ARPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV540ARPEL RENESAS-HD74LV540ARPEL Datasheet
82Kb / 10P
   Octal Inverted Buffers / Drivers with 3-state Outputs
More results

Similar Description - HD74LV540ARPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV540A RENESAS-HD74LV540A Datasheet
82Kb / 10P
   Octal Inverted Buffers / Drivers with 3-state Outputs
logo
Hitachi Semiconductor
HD74LV540A HITACHI-HD74LV540A Datasheet
66Kb / 14P
   Octal Inverted Buffers / Drivers with 3-state Outputs
logo
Renesas Technology Corp
HD74HCT240 RENESAS-HD74HCT240 Datasheet
106Kb / 7P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HCT240 HITACHI-HD74HCT240 Datasheet
59Kb / 9P
   Octal Buffers/Line Drivers/Line Receivers(with inverted 3-state outputs)
logo
Renesas Technology Corp
HD74HCT241 RENESAS-HD74HCT241 Datasheet
99Kb / 8P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC240 HITACHI-HD74HC240 Datasheet
61Kb / 10P
   Octal Buffers/Line Drivers/Line Receivers(with inverted 3-state outputs)
logo
Renesas Technology Corp
HD74HC240 RENESAS-HD74HC240_15 Datasheet
131Kb / 10P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74HC244 RENESAS-HD74HC244_15 Datasheet
129Kb / 10P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74HCT244 RENESAS-HD74HCT244_15 Datasheet
122Kb / 9P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74HC240 RENESAS-HD74HC240 Datasheet
110Kb / 8P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com