Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV595A Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LV595A
Description  8-bit Shift Registers with 3-state Outputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV595A Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LV595A_15 Datasheet HTML 1Page - Renesas Technology Corp HD74LV595A_15 Datasheet HTML 2Page - Renesas Technology Corp HD74LV595A_15 Datasheet HTML 3Page - Renesas Technology Corp HD74LV595A_15 Datasheet HTML 4Page - Renesas Technology Corp HD74LV595A_15 Datasheet HTML 5Page - Renesas Technology Corp HD74LV595A_15 Datasheet HTML 6Page - Renesas Technology Corp HD74LV595A_15 Datasheet HTML 7Page - Renesas Technology Corp HD74LV595A_15 Datasheet HTML 8Page - Renesas Technology Corp HD74LV595A_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
HD74LV595A
Rev.2.00 Jun. 28, 2004 page 2 of 13
Pin Arrangement
13
14
11
12
15
16
9
10
VCC
QA
SER
G
RCLK
SRCLK
1
2
3
4
5
6
7
8
QB
QC
QD
QE
QF
QG
QH
GND
SRCLR
QH'
(Top view)
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Conditions
Supply voltage range
VCC
–0.5 to 7.0
V
Input voltage range*
1
VI
–0.5 to 7.0
V
–0.5 to VCC + 0.5
Output: H or L
Output voltage range*
1, 2
VO
–0.5 to 7.0
V
Output: Z or VCC: OFF
Input clamp current
IIK
–20
mA
VI < 0
Output clamp current
IOK
±50
mA
VO < 0 or VO > VCC
Continuous output current
IO
±25
mA
VO = 0 to VCC
Continuous current through
VCC or GND
ICC or IGND
±70
mA
785
SOP
Maximum power dissipation at
Ta = 25°C (in still air)*
3
PT
500
mW
TSSOP
Storage temperature
Tstg
–65 to 150
°C
Notes: The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two of
which may be realized at the same time.
1. The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are
observed.
2. This value is limited to 5.5 V maximum.
3. The maximum package power dissipation was calculated using a junction temperature of 150°C.


Similar Part No. - HD74LV595A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV595AFPEL RENESAS-HD74LV595AFPEL Datasheet
109Kb / 14P
   8-bit Shift Registers with 3-state Outputs
HD74LV595ARPEL RENESAS-HD74LV595ARPEL Datasheet
109Kb / 14P
   8-bit Shift Registers with 3-state Outputs
HD74LV595ATELL RENESAS-HD74LV595ATELL Datasheet
109Kb / 14P
   8-bit Shift Registers with 3-state Outputs
More results

Similar Description - HD74LV595A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV595A RENESAS-HD74LV595A Datasheet
109Kb / 14P
   8-bit Shift Registers with 3-state Outputs
logo
Hitachi Semiconductor
HD74LV595A HITACHI-HD74LV595A Datasheet
82Kb / 19P
   8-bit Shift Registers with 3-state Outputs
logo
Texas Instruments
SN54ALS299 TI-SN54ALS299 Datasheet
119Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN54F299 TI-SN54F299 Datasheet
108Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN54F299 TI-SN54F299_08 Datasheet
519Kb / 13P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN54ALS299 TI1-SN54ALS299_16 Datasheet
741Kb / 17P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN54AHCT595 TI-SN54AHCT595 Datasheet
415Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54LV595A TI-SN54LV595A Datasheet
492Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC595 TI-SN54HC595_09 Datasheet
847Kb / 25P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595 TI-SN74HC595_10 Datasheet
809Kb / 26P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com