Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV595A Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD74LV595A
Description  8-bit Shift Registers with 3-state Outputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV595A Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD74LV595A_15 Datasheet HTML 5Page - Renesas Technology Corp HD74LV595A_15 Datasheet HTML 6Page - Renesas Technology Corp HD74LV595A_15 Datasheet HTML 7Page - Renesas Technology Corp HD74LV595A_15 Datasheet HTML 8Page - Renesas Technology Corp HD74LV595A_15 Datasheet HTML 9Page - Renesas Technology Corp HD74LV595A_15 Datasheet HTML 10Page - Renesas Technology Corp HD74LV595A_15 Datasheet HTML 11Page - Renesas Technology Corp HD74LV595A_15 Datasheet HTML 12Page - Renesas Technology Corp HD74LV595A_15 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
HD74LV595A
Rev.2.00 Jun. 28, 2004 page 7 of 13
Switching Characteristics (cont)
VCC = 3.3 ± 0.3 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
80
150
70
CL = 15 pF
Maximum
clock frequency
fmax
55
130
50
MHz
CL = 50 pF
8.8
13.0
1.0
15.0
CL = 15 pF
11.3
16.5
1.0
18.5
CL = 50 pF
SRCLK
QH'
7.7
11.9
1.0
13.5
CL = 15 pF
tPLH/tPHL
10.2
15.4
1.0
17.0
CL = 50 pF
RCLK
QA – QH
8.4
12.8
1.0
13.7
CL = 15 pF
Propagation
delay time
tPHL
10.9
16.3
1.0
17.2
ns
CL = 50 pF
SRCLK
QH'
7.5
11.5
1.0
13.5
CL = 15 pF
Enable time
tZH
tZL
9.0
15.0
1.0
17.0
ns
CL = 50 pF
5.9
11.7
1.0
13.5
CL = 15 pF
Disable time
tHZ
tLZ
12.1
15.7
1.0
16.2
ns
CL = 50 pF
G
QA – QH
3.5
3.5
SER before SRCLK
8.0
8.5
SRCLK
↑ before RCLK ↑
8.0
9.0
SRCLR low before RCLK ↑
Setup time
tSU
3.0
3.0
ns
SRCLR high (inactive)
before SRCLK
1.5
1.5
SER after SRCLK
0.0
0.0
SRCLK
↑ after RCLK ↑
Hold time
th
0.0
0.0
ns
SRCLR low after RCLK ↑
5.0
5.0
RCLK high or low
5.0
5.0
SRCLK high or low
Pulse width
tw
5.0
5.0
ns
SRCLR low


Similar Part No. - HD74LV595A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV595AFPEL RENESAS-HD74LV595AFPEL Datasheet
109Kb / 14P
   8-bit Shift Registers with 3-state Outputs
HD74LV595ARPEL RENESAS-HD74LV595ARPEL Datasheet
109Kb / 14P
   8-bit Shift Registers with 3-state Outputs
HD74LV595ATELL RENESAS-HD74LV595ATELL Datasheet
109Kb / 14P
   8-bit Shift Registers with 3-state Outputs
More results

Similar Description - HD74LV595A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV595A RENESAS-HD74LV595A Datasheet
109Kb / 14P
   8-bit Shift Registers with 3-state Outputs
logo
Hitachi Semiconductor
HD74LV595A HITACHI-HD74LV595A Datasheet
82Kb / 19P
   8-bit Shift Registers with 3-state Outputs
logo
Texas Instruments
SN54ALS299 TI-SN54ALS299 Datasheet
119Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN54F299 TI-SN54F299 Datasheet
108Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN54F299 TI-SN54F299_08 Datasheet
519Kb / 13P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN54ALS299 TI1-SN54ALS299_16 Datasheet
741Kb / 17P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN54AHCT595 TI-SN54AHCT595 Datasheet
415Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54LV595A TI-SN54LV595A Datasheet
492Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC595 TI-SN54HC595_09 Datasheet
847Kb / 25P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595 TI-SN74HC595_10 Datasheet
809Kb / 26P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com