Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV4040AFPEL Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74LV4040AFPEL
Description  12-stage Binary Counter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV4040AFPEL Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74LV4040AFPEL Datasheet HTML 1Page - Renesas Technology Corp HD74LV4040AFPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LV4040AFPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LV4040AFPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LV4040AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LV4040AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LV4040AFPEL Datasheet HTML 7Page - Renesas Technology Corp HD74LV4040AFPEL Datasheet HTML 8Page - Renesas Technology Corp HD74LV4040AFPEL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Rev.2.00 Jul. 20, 2004 page 1 of 10
HD74LV4040A
12-stage Binary Counter
REJ03D0337–0200Z
(Previous ADE-205-282 (Z))
Rev.2.00
Jul. 20, 2004
Description
The HD74LV4040A is a 12 stage counter. This device is incremented on the falling edge (negative transition) of the
input clock, and all its output is reset to a low level by applying a logical high on its reset input. Low-voltage and high-
speed operation is suitable for the battery-powered products (e.g., notebook computers), and the low-power
consumption extends the battery life.
Features
• V
CC = 2.0 V to 5.5 V operation
• All inputs V
IH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• All outputs V
O (Max.) = 5.5 V (@VCC = 0 V)
• Typical V
OL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical V
OH undershoot > 2.3 V (@VCC = 3.3 V, Ta = 25°C)
• Output current ±6 mA (@V
CC = 3.0 V to 3.6 V), ±12 mA (@VCC = 4.5 V to 5.5 V)
• Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LV4040AFPEL
SOP–16 pin (JEITA)
FP–16DAV
FP
EL (2,000 pcs/reel)
HD74LV4040ARPEL
SOP–16 pin (JEDEC)
FP–16DNV
RP
EL (2,500 pcs/reel)
HD74LV4040ATELL
TSSOP–16 pin
TTP–16DAV
T
ELL (2,000 pcs/reel)
Note: Please consult the sales office for the above package availability.
Function Table
Inputs
Output
CLK
CLR
Qn
L
Remains unchanged
L
Changed
X
H
All outputs low
Note: H: High level
L: Low level
X: Immaterial
↑: Low to high transition
↓: High to low transition


Similar Part No. - HD74LV4040AFPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV4040AFPEL RENESAS-HD74LV4040AFPEL Datasheet
185Kb / 11P
   12-stage Binary Counter
More results

Similar Description - HD74LV4040AFPEL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
logo
Renesas Technology Corp
HD74HC4040 RENESAS-HD74HC4040 Datasheet
93Kb / 7P
   12-stage Binary Counter
logo
STMicroelectronics
M74HC4040 STMICROELECTRONICS-M74HC4040 Datasheet
356Kb / 11P
   12 STAGE BINARY COUNTER
logo
Fairchild Semiconductor
74VHC4040 FAIRCHILD-74VHC4040_07 Datasheet
333Kb / 9P
   12-Stage Binary Counter
logo
Hitachi Semiconductor
HD74HC4040 HITACHI-HD74HC4040 Datasheet
54Kb / 9P
   12-stage Binary Counter
logo
Renesas Technology Corp
HD74LV4040A RENESAS-HD74LV4040A Datasheet
185Kb / 11P
   12-stage Binary Counter
HD74HC4040 RENESAS-HD74HC4040_15 Datasheet
113Kb / 9P
   12-stage Binary Counter
logo
NXP Semiconductors
HEF4040B PHILIPS-HEF4040B Datasheet
42Kb / 5P
   12-stage binary counter
January 1995
logo
Fairchild Semiconductor
74VHC4040 FAIRCHILD-74VHC4040 Datasheet
67Kb / 7P
   12-Stage Binary Counter
logo
Hitachi Semiconductor
HD74LV4040A HITACHI-HD74LV4040A Datasheet
95Kb / 17P
   12-stage Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com