Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV4040ARPEL Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HD74LV4040ARPEL
Description  12-stage Binary Counter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV4040ARPEL Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HD74LV4040ARPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LV4040ARPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LV4040ARPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LV4040ARPEL Datasheet HTML 7Page - Renesas Technology Corp HD74LV4040ARPEL Datasheet HTML 8Page - Renesas Technology Corp HD74LV4040ARPEL Datasheet HTML 9Page - Renesas Technology Corp HD74LV4040ARPEL Datasheet HTML 10Page - Renesas Technology Corp HD74LV4040ARPEL Datasheet HTML 11Page - Renesas Technology Corp HD74LV4040ARPEL Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
HD74LV4040A
Rev.2.00 Jul. 20, 2004 page 6 of 10
Switching Characteristics
VCC = 2.5 ± 0.2 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
50
90
40
CL = 15 pF
Maximum
clock frequency
fmax
30
60
25
MHz
CL = 50 pF
10.0
16.0
1.0
18.3
CL = 15 pF
tPLH/tPHL
12.7
19.6
1.0
22.2
CL = 50 pF
CLK
9.9
15.4
1.0
17.5
CL = 15 pF
Propagation
delay time
tPHL
11.8
18.0
1.0
20.4
ns
CL = 50 pF
CLR
Q1
Propagation
delay time skew
∆tpd
3.0
5.5
6.3
ns
CL = 50 pF
Qn
Qn+1
Setup time
tSU
7.0
7.0
ns
CLR inactive before
CLK ↓
7.0
7.0
CLK high or low
Pulse width
tw
7.0
7.0
ns
CLR high
VCC = 3.3 ± 0.3 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
75
140
70
CL = 15 pF
Maximum
clock frequency
fmax
55
80
50
MHz
CL = 50 pF
7.5
11.9
1.0
14.0
CL = 15 pF
tPLH/tPHL
10.0
15.4
1.0
17.5
CL = 50 pF
CLK
8.3
12.8
1.0
15.0
CL = 15 pF
Propagation
delay time
tPHL
10.8
16.3
1.0
18.5
ns
CL = 50 pF
CLR
Q1
Propagation
delay time skew
∆tpd
2.4
4.4
5.0
ns
CL = 50 pF
Qn
Qn+1
Setup time
tSU
5.0
5.0
ns
CLR inactive before
CLK ↓
5.0
5.0
CLK high or low
Pulse width
tw
5.0
5.0
ns
CLR high


Similar Part No. - HD74LV4040ARPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV4040ARPEL RENESAS-HD74LV4040ARPEL Datasheet
185Kb / 11P
   12-stage Binary Counter
More results

Similar Description - HD74LV4040ARPEL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
logo
Renesas Technology Corp
HD74HC4040 RENESAS-HD74HC4040 Datasheet
93Kb / 7P
   12-stage Binary Counter
logo
STMicroelectronics
M74HC4040 STMICROELECTRONICS-M74HC4040 Datasheet
356Kb / 11P
   12 STAGE BINARY COUNTER
logo
Fairchild Semiconductor
74VHC4040 FAIRCHILD-74VHC4040_07 Datasheet
333Kb / 9P
   12-Stage Binary Counter
logo
Hitachi Semiconductor
HD74HC4040 HITACHI-HD74HC4040 Datasheet
54Kb / 9P
   12-stage Binary Counter
logo
Renesas Technology Corp
HD74LV4040A RENESAS-HD74LV4040A Datasheet
185Kb / 11P
   12-stage Binary Counter
HD74HC4040 RENESAS-HD74HC4040_15 Datasheet
113Kb / 9P
   12-stage Binary Counter
logo
NXP Semiconductors
HEF4040B PHILIPS-HEF4040B Datasheet
42Kb / 5P
   12-stage binary counter
January 1995
logo
Fairchild Semiconductor
74VHC4040 FAIRCHILD-74VHC4040 Datasheet
67Kb / 7P
   12-Stage Binary Counter
logo
Hitachi Semiconductor
HD74LV4040A HITACHI-HD74LV4040A Datasheet
95Kb / 17P
   12-stage Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com