Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV4053AFPEL Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74LV4053AFPEL
Description  Triple 2-channel Analog Multiplexer / Demultiplexer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV4053AFPEL Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HD74LV4053AFPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LV4053AFPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LV4053AFPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LV4053AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LV4053AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LV4053AFPEL Datasheet HTML 7Page - Renesas Technology Corp HD74LV4053AFPEL Datasheet HTML 8Page - Renesas Technology Corp HD74LV4053AFPEL Datasheet HTML 9Page - Renesas Technology Corp HD74LV4053AFPEL Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
HD74LV4053A
Rev.3.00 Jul. 21, 2004 page 4 of 12
DC Electrical Characteristics
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
2.0
1.5
2.3 to 2.7
VCC
× 0.7
3.0 to 3.6
VCC
× 0.7
VIH
4.5 to 5.5
VCC
× 0.7
2.0
0.5
2.3 to 2.7
VCC
× 0.3
3.0 to 3.6
VCC
× 0.3
Input voltage
VIL
4.5 to 5.5
VCC
× 0.3
V
Control input only
2.3
60
180
225
3.0
50
150
190
On-state switch
resistance
RON
4.5
40
75
100
VIN = VCC or GND
VINH = VIL
IT = 2 mA
2.3
200
500
600
3.0
90
180
225
Peak on resistance
RON (P)
4.5
50
100
125
VIN = VCC to GND
VINH = VIL
IT = 2 mA
2.3
20
30
40
3.0
10
20
30
Difference of on-state
resistance between
switches
∆RON
4.5
7
15
20
VIN = VCC to GND
VINH = VIL
IT = 2 mA
Off-state switch
leakage current
Is (OFF)
5.5
±0.1
±1.0
µAVIN = VCC,
VOUT = GND or
VIN = GND,
VO = VCC,VINH = VIH
On-state switch
leakage current
Is (ON)
5.5
±0.1
±1.0
µAVIN = VCC or GND
VINH = VIL
Input current
IIN
0 to 5.5
±0.1
±1.0
µAVIN = 5.5 V or GND
Quiescent supply
current
ICC
5.5
20
µAVIN = VCC or GND
Note:
For conditions shown as Min or Max, use the appropriate values under recommended operating conditions.


Similar Part No. - HD74LV4053AFPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV4053AFPEL RENESAS-HD74LV4053AFPEL Datasheet
129Kb / 13P
   Triple 2-channel Analog Multiplexer / Demultiplexer
More results

Similar Description - HD74LV4053AFPEL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4053A-Q1 TI1-SN74LV4053A-Q1 Datasheet
807Kb / 17P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74HC4053-Q100 NEXPERIA-74HC4053-Q100 Datasheet
366Kb / 25P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
logo
Hitachi Semiconductor
HD74LV4053A HITACHI-HD74LV4053A Datasheet
76Kb / 17P
   Triple 2-channel Analog Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com