Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV4053ARPEL Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74LV4053ARPEL
Description  Triple 2-channel Analog Multiplexer / Demultiplexer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV4053ARPEL Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74LV4053ARPEL Datasheet HTML 1Page - Renesas Technology Corp HD74LV4053ARPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LV4053ARPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LV4053ARPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LV4053ARPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LV4053ARPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LV4053ARPEL Datasheet HTML 7Page - Renesas Technology Corp HD74LV4053ARPEL Datasheet HTML 8Page - Renesas Technology Corp HD74LV4053ARPEL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
HD74LV4053A
Rev.3.00 Jul. 21, 2004 page 3 of 12
Recommended Operating Conditions
Item
Symbol
Min
Max
Unit
Conditions
Supply voltage range
VCC
2.0*
1
5.5
V
Input voltage range
VI
05.5
V
Output voltage range
VI/O
0VCC
V
0
200
VCC = 2.3 to 2.7 V
0
100
VCC = 3.0 to 3.6 V
Input transition rise or fall rate
∆t /∆v
020
ns/V
VCC = 4.5 to 5.5 V
Operating free-air temperature
Ta
–40
85
°C
Notes: Unused or floating control inputs must be held high or low.
1. With the supply voltage at or around 2 V, the analog switch on-state resistance loses linearity significantly. It
is recommended that only digital signals be transmitted at these low supply voltages.
Logic Diagram
A
1
−COM
3
−COM
2
−COM
B
C
INH
1Y0
1Y1
2Y0
2Y1
3Y0
3Y1


Similar Part No. - HD74LV4053ARPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV4053ARPEL RENESAS-HD74LV4053ARPEL Datasheet
129Kb / 13P
   Triple 2-channel Analog Multiplexer / Demultiplexer
More results

Similar Description - HD74LV4053ARPEL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4053A-Q1 TI1-SN74LV4053A-Q1 Datasheet
807Kb / 17P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74HC4053-Q100 NEXPERIA-74HC4053-Q100 Datasheet
366Kb / 25P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
logo
Hitachi Semiconductor
HD74LV4053A HITACHI-HD74LV4053A Datasheet
76Kb / 17P
   Triple 2-channel Analog Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com