Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV4066AFPEL Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HD74LV4066AFPEL
Description  Quad. Analog Switches / Quad. Multiplexers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV4066AFPEL Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HD74LV4066AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LV4066AFPEL Datasheet HTML 7Page - Renesas Technology Corp HD74LV4066AFPEL Datasheet HTML 8Page - Renesas Technology Corp HD74LV4066AFPEL Datasheet HTML 9Page - Renesas Technology Corp HD74LV4066AFPEL Datasheet HTML 10Page - Renesas Technology Corp HD74LV4066AFPEL Datasheet HTML 11Page - Renesas Technology Corp HD74LV4066AFPEL Datasheet HTML 12Page - Renesas Technology Corp HD74LV4066AFPEL Datasheet HTML 13Page - Renesas Technology Corp HD74LV4066AFPEL Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
HD74LV4066A
Rev.4.00 Jul. 21, 2004 page 8 of 12
t
, t
: Propagation delay time (from switch input to switch output)
PLH
PHL
VCC
B
A
VC
VOUT
V
= V
CIH
VCC
GND
(ON)
C = 15 or
50 pF
L
R =
50
L
Switching time
tZL
0 V
VCC
VOL
≈V
CC
VCC
50%
VCC
50%
VCC
50%
VCC
50%
VCC
50%
VCC
50%
t
/t
GND
GND
LZ
ZL
t
/t
HZ
ZH
TEST
S1
S2
VCC
VCC
VCC
VC
VIN
VOUT
S1
VCC
GND
C = 15 or
50 pF
L
R =
1 k
L
S2
VC
VOUT
tZH
0 V
VCC
VOH
≈0 V
VC
VOUT
tLZ
0 V
VCC
VOL
V
+0.3 V
OL
≈V
CC
VC
VOUT
tHZ
0 V
VCC
VOH
V
−0.3 V
OH
≈0 V
R =
50
L


Similar Part No. - HD74LV4066AFPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV4066AFPEL RENESAS-HD74LV4066AFPEL Datasheet
125Kb / 13P
   Quad. Analog Switches / Quad. Multiplexers
More results

Similar Description - HD74LV4066AFPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC4066 RENESAS-HD74HC4066_15 Datasheet
144Kb / 12P
   Quad Analog Switches/Quad Multiplexers
logo
Hitachi Semiconductor
HD74LV4066A HITACHI-HD74LV4066A Datasheet
72Kb / 17P
   Quad. Analog Switches / Quad. Multiplexers
HD74HC4066 HITACHI-HD74HC4066 Datasheet
50Kb / 10P
   Quad Analog Switches/Quad Multiplexers
logo
Renesas Technology Corp
HD74LV4066A RENESAS-HD74LV4066A Datasheet
125Kb / 13P
   Quad. Analog Switches / Quad. Multiplexers
HD74HC4066 RENESAS-HD74HC4066 Datasheet
122Kb / 10P
   Quad Analog Switches/Quad Multiplexers
logo
Panasonic Semiconductor
MN4066B PANASONIC-MN4066B Datasheet
88Kb / 3P
   Quad Analog Switches
logo
Pericom Semiconductor C...
PI5A391 PERICOM-PI5A391 Datasheet
311Kb / 8P
   Bandwidth Quad Analog Switches
logo
Maxim Integrated Produc...
DG308A MAXIM-DG308A Datasheet
51Kb / 4P
   Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
logo
Vishay Siliconix
DG201BMIL VISHAY-DG201BMIL Datasheet
176Kb / 12P
   Improved Quad CMOS Analog Switches
Rev. A, 19-Mar-12
logo
Maxim Integrated Produc...
DG201A MAXIM-DG201A_06 Datasheet
517Kb / 12P
   Quad SPST CMOS Analog Switches
Rev 2; 5/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com