Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV4066ARPEL Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HD74LV4066ARPEL
Description  Quad. Analog Switches / Quad. Multiplexers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV4066ARPEL Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HD74LV4066ARPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LV4066ARPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LV4066ARPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LV4066ARPEL Datasheet HTML 7Page - Renesas Technology Corp HD74LV4066ARPEL Datasheet HTML 8Page - Renesas Technology Corp HD74LV4066ARPEL Datasheet HTML 9Page - Renesas Technology Corp HD74LV4066ARPEL Datasheet HTML 10Page - Renesas Technology Corp HD74LV4066ARPEL Datasheet HTML 11Page - Renesas Technology Corp HD74LV4066ARPEL Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
HD74LV4066A
Rev.4.00 Jul. 21, 2004 page 6 of 12
Switching Characteristics (Cont.)
Ta = 25°C
Item
Symbol
VCC (V) Min
Typ
Max
Unit
Test Conditions
FROM
(Input)
TO
(Output)
Control input
capacitance
CIC
3.5
pF
Switch
terminal
capacitance
CI/O
6.0
pF
Feedthrough
capacitance
CT
0.5
pF
Power
dissipation
capacitance
CPD
4.0
pF
2.3
30.0
3.0
35.0
Frequency
response
(Switch ON)
4.5
50.0
MHz
CL = 50 pF, RL = 600
Adjust fin voltage to obtain 0 dBm
at output when fin is 1 MHz (sine
wave). Increase fin frequency until
the dB-meter reads –3dBm.
20 log (VO/VI) = –3 dBm
A or B
B or A
2.3
–45.0 —
3.0
–45.0 —
Crosstalk
(Between any
switches)
4.5
–45.0 —
dB
CL = 50 pF, RL = 600
Adjust fin voltage to obtain 0 dBm
at input when fin is 1 MHz
(sine wave).
A or B
B or A
2.3
15.0
3.0
20.0
Crosstalk
(Control input
to signal
output)
4.5
50.0
mV
CL = 50 pF, RL = 600
Adjust RL value to obtain
0 A at IIN/OUT when fin is
1 MHz (square wave).
CA or B
2.3
–40.0 —
3.0
–40.0 —
Feedthrough
attenuation
(Switch OFF)
4.5
–40.0 —
dB
CL = 50 pF, RL = 600
Adjust fin voltage to obtain 0 dBm at
input when fin is 1 MHz (sine wave).
A or B
B or A
2.3
0.1
3.0
0.1
Sine-wave
distortion
4.5
0.1
%CL = 50 pF, RL = 10 k
fIN = 1 kHz (sine wave)
VI = 2 VP-P, VCC = 2.3 V
VI = 2.5 VP-P, VCC = 3.0 V
VI = 4 VP-P, VCC = 4.5 V
A or B
B or A


Similar Part No. - HD74LV4066ARPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV4066ARPEL RENESAS-HD74LV4066ARPEL Datasheet
125Kb / 13P
   Quad. Analog Switches / Quad. Multiplexers
More results

Similar Description - HD74LV4066ARPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC4066 RENESAS-HD74HC4066_15 Datasheet
144Kb / 12P
   Quad Analog Switches/Quad Multiplexers
logo
Hitachi Semiconductor
HD74LV4066A HITACHI-HD74LV4066A Datasheet
72Kb / 17P
   Quad. Analog Switches / Quad. Multiplexers
HD74HC4066 HITACHI-HD74HC4066 Datasheet
50Kb / 10P
   Quad Analog Switches/Quad Multiplexers
logo
Renesas Technology Corp
HD74LV4066A RENESAS-HD74LV4066A Datasheet
125Kb / 13P
   Quad. Analog Switches / Quad. Multiplexers
HD74HC4066 RENESAS-HD74HC4066 Datasheet
122Kb / 10P
   Quad Analog Switches/Quad Multiplexers
logo
Panasonic Semiconductor
MN4066B PANASONIC-MN4066B Datasheet
88Kb / 3P
   Quad Analog Switches
logo
Pericom Semiconductor C...
PI5A391 PERICOM-PI5A391 Datasheet
311Kb / 8P
   Bandwidth Quad Analog Switches
logo
Maxim Integrated Produc...
DG308A MAXIM-DG308A Datasheet
51Kb / 4P
   Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
logo
Vishay Siliconix
DG201BMIL VISHAY-DG201BMIL Datasheet
176Kb / 12P
   Improved Quad CMOS Analog Switches
Rev. A, 19-Mar-12
logo
Maxim Integrated Produc...
DG201A MAXIM-DG201A_06 Datasheet
517Kb / 12P
   Quad SPST CMOS Analog Switches
Rev 2; 5/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com