Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LVCC3245A Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HD74LVCC3245A
Description  Octal Bus Transceiver with adjustable output voltage and 3-state Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVCC3245A Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HD74LVCC3245A_15 Datasheet HTML 5Page - Renesas Technology Corp HD74LVCC3245A_15 Datasheet HTML 6Page - Renesas Technology Corp HD74LVCC3245A_15 Datasheet HTML 7Page - Renesas Technology Corp HD74LVCC3245A_15 Datasheet HTML 8Page - Renesas Technology Corp HD74LVCC3245A_15 Datasheet HTML 9Page - Renesas Technology Corp HD74LVCC3245A_15 Datasheet HTML 10Page - Renesas Technology Corp HD74LVCC3245A_15 Datasheet HTML 11Page - Renesas Technology Corp HD74LVCC3245A_15 Datasheet HTML 12Page - Renesas Technology Corp HD74LVCC3245A_15 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
HD74LVCC3245A
Rev.2.01 Apr. 12, 2005 page 8 of 10
Waveforms – 1
Input
10 %
Vref1
Vref2
Vref2
Vref2
Vref1
Vref1
90 %
t r
90 %
VIH
VIH
GND
10 %
t f
Output
t PLH
V
t PHL
OH
VOL
Symbol
VCCA
2.7 V
1.5 V
1.5 V
VCCA = 2.5±0.2 V
VCCB = 3.3±0.3 V
A to B
B to A
1/2 VCCA
2.7 V
2.7 V
1.5 V
1.5 V
1.5 V
VCCA = 2.7 to 3.6 V
VCCB = 3.3±0.3 V
A to B
B to A
1.5 V
2.7 V
VCCB
1.5 V
1/2 VCCB
1/2 VCCB
VCCA = 2.7 to 3.6 V
VCCB = 5±0.5 V
A to B
B to A
1.5 V
1/2 VCCA


Similar Part No. - HD74LVCC3245A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVCC3245ATEL RENESAS-HD74LVCC3245ATEL Datasheet
135Kb / 11P
   Octal Bus Transceiver with adjustable output voltage and 3-state Outputs
HD74LVCC3245ATEL RENESAS-HD74LVCC3245ATEL Datasheet
106Kb / 11P
   Octal Bus Transceiver with adjustable output voltage and 3-state Outputs
HD74LVCC3245A RENESAS-HD74LVCC3245A_05 Datasheet
106Kb / 11P
   Octal Bus Transceiver with adjustable output voltage and 3-state Outputs
More results

Similar Description - HD74LVCC3245A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVCC3245A RENESAS-HD74LVCC3245A_05 Datasheet
106Kb / 11P
   Octal Bus Transceiver with adjustable output voltage and 3-state Outputs
logo
Texas Instruments
SN74LVCC4245A-EP TI1-SN74LVCC4245A-EP Datasheet
654Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH ADJUSTABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SN74LVCC3245A TI-SN74LVCC3245A Datasheet
377Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH ADJUSTABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LVCC3245A RENESAS-HD74LVCC3245A Datasheet
135Kb / 11P
   Octal Bus Transceiver with adjustable output voltage and 3-state Outputs
logo
Texas Instruments
SN74LVCC3245 TI-SN74LVCC3245 Datasheet
111Kb / 8P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH ADJUSTABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SN74LVCC4245A-EP TI1-SN74LVCC4245A-EP_15 Datasheet
522Kb / 16P
[Old version datasheet]   OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SN74LVCC4245A TI-SN74LVCC4245A Datasheet
151Kb / 10P
[Old version datasheet]   OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SN74LVCC4245A TI-SN74LVCC4245A_08 Datasheet
434Kb / 17P
[Old version datasheet]   OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SN74LVCC4245ADBR TI-SN74LVCC4245ADBR Datasheet
311Kb / 16P
[Old version datasheet]   OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
74AC11245 TI-74AC11245 Datasheet
109Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com