Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS3H9 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SS3H9
Description  High Voltage Surface Mount Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS3H9 Datasheet(HTML) 1 Page - Vishay Siliconix

  SS3H9_15 Datasheet HTML 1Page - Vishay Siliconix SS3H9_15 Datasheet HTML 2Page - Vishay Siliconix SS3H9_15 Datasheet HTML 3Page - Vishay Siliconix SS3H9_15 Datasheet HTML 4Page - Vishay Siliconix SS3H9_15 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SS3H9, SS3H10
www.vishay.com
Vishay General Semiconductor
Revision: 28-Apr-14
1
Document Number: 88752
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Voltage Surface Mount Schottky Rectifier
High Barrier Technology for Improved High Temperature Performance
FEATURES
• Low profile package
• Ideal for automated placement
• Guardring for overvoltage protection
• Low power losses, high efficiency
• Low forward voltage drop
• Low leakage current
• High surge capability
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
• AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For
use
in
low
voltage
high
frequency
inverters,
freewheeling, DC/DC converters, and polarity protection
applications.
MECHANICAL DATA
Case: DO-214AB (SMC)
Molding compound meets UL 94 V-0 flammability rating
Base
P/N-E3
-
RoHS-compliant,
commercial
grade
Base P/NHE3_X - RoHS-compliant and AEC-Q101 qualified
(“_X” denotes revision code e.g. A, B, .....)
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 2 whisker test, HE3 suffix
meets JESD 201 class 2 whisker test
Polarity: Color band denotes the cathode end
PRIMARY CHARACTERISTICS
IF(AV)
3.0 A
VRRM
90 V, 100 V
IFSM
100 A
VF
0.65 V
IR
20 μA
TJ max.
175 °C
Package
DO-214AB
Diode variations
Single
DO-214AB (SMC)
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SS3H9
SS3H10
UNIT
Device marking code
MS9
MS10
Maximum repetitive peak reverse voltage
VRRM
90
100
V
Working peak reverse voltage
VRWM
90
100
V
Maximum DC blocking voltage
VDC
90
100
V
Maximum average forward rectified current at: TL = 115 °C
IF(AV)
3.0
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
100
A
Peak repetitive reverse surge current at tp = 2.0 μs, 1 kHz
IRRM
1.0
A
Critical rate of rise of reverse voltage
dV/dt
10 000
V/μs
Operating junction and storage temperature range
TJ, TSTG
-65 to +175
°C


Similar Part No. - SS3H9_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS3H9-E3-57T VISHAY-SS3H9-E3-57T Datasheet
95Kb / 4P
   High-Voltage Surface Mount Schottky Rectifier
Revision: 19-May-08
SS3H9-E3-9AT VISHAY-SS3H9-E3-9AT Datasheet
95Kb / 4P
   High-Voltage Surface Mount Schottky Rectifier
Revision: 19-May-08
SS3H9-E3/57T VISHAY-SS3H9-E3/57T Datasheet
87Kb / 4P
   High-Voltage Surface Mount Schottky Rectifier
Revision: 17-Dec-12
SS3H9-E3/9AT VISHAY-SS3H9-E3/9AT Datasheet
87Kb / 4P
   High-Voltage Surface Mount Schottky Rectifier
Revision: 17-Dec-12
SS3H9-M3 VISHAY-SS3H9-M3 Datasheet
91Kb / 4P
   Ideal for automated placement
Revision: 09-Dec-13
More results

Similar Description - SS3H9_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS3H9 VISHAY-SS3H9_08 Datasheet
95Kb / 4P
   High-Voltage Surface Mount Schottky Rectifier
Revision: 19-May-08
SS29-E3 VISHAY-SS29-E3 Datasheet
90Kb / 4P
   High-Voltage Surface Mount Schottky Rectifier
Revision: 27-Mar-12
SS1H9 VISHAY-SS1H9_15 Datasheet
85Kb / 5P
   High-Voltage Surface Mount Schottky Rectifier
Revision: 28-Apr-14
SS29 VISHAY-SS29_V01 Datasheet
101Kb / 5P
   High Voltage Surface-Mount Schottky Rectifier
01-Jan-2022
SS2H9 VISHAY-SS2H9_08 Datasheet
93Kb / 4P
   High-Voltage Surface Mount Schottky Rectifier
Revision: 19-May-08
SS2H9 VISHAY-SS2H9_15 Datasheet
82Kb / 5P
   High Voltage Surface Mount Schottky Rectifier
Revision: 16-Jan-14
SS3H10-E3 VISHAY-SS3H10-E3 Datasheet
87Kb / 4P
   High-Voltage Surface Mount Schottky Rectifier
Revision: 17-Dec-12
SS1H9 VISHAY-SS1H9_V01 Datasheet
97Kb / 5P
   High-Voltage Surface-Mount Schottky Rectifier
01-Jan-2022
SS2H9 VISHAY-SS2H9 Datasheet
270Kb / 3P
   High-Voltage Surface Mount Schottky Rectifier
28-Jun-05
SS1H9-E3 VISHAY-SS1H9-E3 Datasheet
86Kb / 4P
   High-Voltage Surface Mount Schottky Rectifier
Revision: 14-Dec-12
SS1H9 VISHAY-SS1H9_08 Datasheet
93Kb / 4P
   High-Voltage Surface Mount Schottky Rectifier
Revision: 19-May-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com