Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V8PAN50 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # V8PAN50
Description  Surface Mount Trench MOS Barrier Schottky Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V8PAN50 Datasheet(HTML) 1 Page - Vishay Siliconix

  V8PAN50 Datasheet HTML 1Page - Vishay Siliconix V8PAN50 Datasheet HTML 2Page - Vishay Siliconix V8PAN50 Datasheet HTML 3Page - Vishay Siliconix V8PAN50 Datasheet HTML 4Page - Vishay Siliconix V8PAN50 Datasheet HTML 5Page - Vishay Siliconix V8PAN50 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
V8PAN50-M3
www.vishay.com
Vishay General Semiconductor
Revision: 28-Jan-15
1
Document Number: 87911
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface Mount Trench MOS Barrier Schottky Rectifier
FEATURES
• Very low profile - typical height of 0.95 mm
• Ideal for automated placement
• Trench MOS Schottky technology
• Low power losses, high efficiency
• Low forward voltage drop
• Meets MSL level 1, per J-STD-020, LF maximum peak
of 260 °C
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For
use
in
low
voltage,
high
frequency
inverters,
freewheeling, DC/DC converters, and polarity protection
applications.
MECHANICAL DATA
Case: DO-221BC (SMPA)
Molding compound meets UL 94 V-0 flammability rating
Base
P/N-M3
-
halogen-free,
RoHS-compliant,
and
commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD22-B102
M3 suffix meets JESD 201 class 2 whisker test
Polarity: Color band denotes cathode end
Notes
(1) Units mounted on 3 cm x 3 cm Aluminum, 2 oz. PCB
(2) Free air, mounted on recommended copper pad area
PRIMARY CHARACTERISTICS
IF(AV)
8.0 A
VRRM
50 V
IFSM
120 A
VF at IF = 8.0 A (TA = 125 °C)
0.41 V
TJ max.
150 °C
Package
DO-221BC (SMPA)
Diode variation
Single die
DO-221BC (SMPA)
TMBS
® SMPATM
Top View
Bottom View
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
V8PAN50
UNIT
Device marking code
8N5
Maximum repetitive peak reverse voltage
VRRM
50
V
Maximum DC forward current
IF (1)
8.0
A
IF (2)
3.7
Maximum DC reverse voltage
VDC
35
V
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
120
A
Operating junction and storage temperature range
TJ, TSTG
-40 to +150
°C


Similar Part No. - V8PAN50

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V8PAN50-M3 VISHAY-V8PAN50-M3 Datasheet
135Kb / 5P
   Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 20-Oct-16
V8PAN50-M3 VISHAY-V8PAN50-M3 Datasheet
134Kb / 5P
   Surface-Mount TMBS짰 (Trench MOS Barrier Schottky) Rectifier
01-Jan-2022
V8PAN50-M3I VISHAY-V8PAN50-M3I Datasheet
135Kb / 5P
   Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 20-Oct-16
V8PAN50-M3 VISHAY-V8PAN50-M3_15 Datasheet
110Kb / 5P
   Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 28-Jan-15
V8PAN50-M3 VISHAY-V8PAN50-M3_V01 Datasheet
134Kb / 5P
   Surface-Mount TMBS짰 (Trench MOS Barrier Schottky) Rectifier
01-Jan-2022
More results

Similar Description - V8PAN50

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V3P6 VISHAY-V3P6 Datasheet
82Kb / 4P
   Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 18-Oct-10
VSSB410S VISHAY-VSSB410S_15 Datasheet
83Kb / 4P
   Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 05-Nov-13
VSSC8L45-M3 VISHAY-VSSC8L45-M3_15 Datasheet
81Kb / 4P
   Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 04-Mar-14
V4PAN50 VISHAY-V4PAN50_15 Datasheet
111Kb / 5P
   Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 31-Jul-13
VSSAF512 VISHAY-VSSAF512_V01 Datasheet
109Kb / 5P
   Surface Mount Trench MOS Barrier Schottky Rectifier
01-Jan-2022
VSSB420S VISHAY-VSSB420S Datasheet
89Kb / 4P
   Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 10-Nov-10
VSSB310 VISHAY-VSSB310 Datasheet
94Kb / 4P
   Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 25-Aug-09
VSSB410S VISHAY-VSSB410S Datasheet
94Kb / 4P
   Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 25-Aug-09
V3PAL45 VISHAY-V3PAL45 Datasheet
113Kb / 6P
   Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 30-Jul-13
logo
Shenzhen Taychipst Elec...
VSSA310 TAYCHIPST-VSSA310 Datasheet
3Mb / 2P
   Surface Mount Trench MOS Barrier Schottky Rectifier
logo
Vishay Siliconix
VSSAF515 VISHAY-VSSAF515 Datasheet
108Kb / 5P
   Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 04-May-2018
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com